công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

75802 bảng dữ liệu(PDF) 5 Page - APM Hexseal Corporation All Rights Reserved

tên linh kiện 75802
Giải thích chi tiết về linh kiện  SELF-SEALING FASTENERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  APM [APM Hexseal Corporation All Rights Reserved]
Trang chủ  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

75802 bảng dữ liệu(HTML) 5 Page - APM Hexseal Corporation All Rights Reserved

  75802 Datasheet HTML 1Page - APM Hexseal Corporation All Rights Reserved 75802 Datasheet HTML 2Page - APM Hexseal Corporation All Rights Reserved 75802 Datasheet HTML 3Page - APM Hexseal Corporation All Rights Reserved 75802 Datasheet HTML 4Page - APM Hexseal Corporation All Rights Reserved 75802 Datasheet HTML 5Page - APM Hexseal Corporation All Rights Reserved 75802 Datasheet HTML 6Page - APM Hexseal Corporation All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SEELNUTS
®
High-pressure, self-sealing locking nuts
SEELNUTS® are designed for use on all types of adjusting screws, threaded studs, and machine bolts in applications where leakage may
occur due to extreme pressures. Installed like an ordinary nut, SEELNUTS® form a high-pressure seal along the thread section and contact
surface when torqued. Their single-piece design eliminates the need for gaskets, sealing compounds and surface preparations. Fully-
adjustable and reusable, they resist vibration, provide metal-to-metal contact, and seal under vacuum or high pressure. Available in all
standard thread sizes, the integral seal can be formulated for compatibility with most gases or liquids.
(OTHER SEALING MATERIALS
AVAILABLE. SEE TABLE I, PAGE 4.)
THREAD
SIZE
FH
T
6-32
5/16
9/64
1/64
8-32
11/32
5/32
1/64
10-32
3/8
5/32
1/64
10-24
3/8
5/32
1/64
1/4-20
7/16
7/32
1/64
1/4-28
7/16
7/32
1/64
5/16-18
1/2
17/64
1/64
5/16-24
1/2
17/64
1/64
3/8-16
9/16
21/64
1/64
3/8-24
9/16
21/64
1/64
7/16-20
11/16
3/8
1/64
1/2-13
3/4
27/64
1/32
1/2-20
3/4
27/64
1/32
5/8-18
15/16
35/64
1/32
Metric sizes also available. Please consult factory.
SEELRIVETS
®
High-pressure, self-sealing rivets
SEELRIVET® SPECIFICATIONS
Material: Aluminum alloy, 2117-T4, anodized finish. O-ring silicone rubber per ZZ-R-765 Class I & II,
Grade 70. Other sealing materials available.
Temperature Range: -160°F to +500°F (-106°C to +260°C)
Pressure Range: Up to 6000 psi, internal and external, subject to installation procedures.
Shelf Life: Excess of 25 years.
Resistant to: Salt water, weather, dirt, dust, sunlight, ozone and most acids. See Table I.
Installation: Install in same manner as standard rivets. Standard break-edge practices for deburring
(i.e. break sharp edges 0.005" maximum) are permissible.
HOW TO ORDER
When ordering SEELRIVETS®, specify head
style, rivet diameter and length. Example:
• To order a Type SRU with a 5/32"
diameter, 3/4" long, specify:
SEELRIVET SRU 5/32 x 3/4"
SEELRIVETS® are designed to seal out air, water, lubricants, and other liquid or gaseous contaminants. Installed like an ordinary rivet, SEELRIVETS®
form a high-pressure seal while permitting metal-to-metal contact. Stock SEELRIVETS® are universal head furnished in aluminum alloy for aircraft
applications. These Type SRU SEELRIVETS® have the exact dimensions of AN470 and MS20470 rivets. Type SRC, 100° countersunk, flathead
versions are also available as non-stock items. Other rivet types/materials and O-ring seal formulations are also available on special order.
A
B
C
LENGTH ± .01*
1/8"
1/4"
.054"
3/16" to 11⁄2" incl.
5/32"
5/16"
.067"
1/4" to 13⁄4" incl.
3/16"
3/8"
.080"
1/4" to 3" incl.
1/4"
1/2"
.107"
3/8" to 31⁄2" incl.
5/16"
5/8"
.133"
1/2" to 4" incl.
3/8"
3/4"
.161"
5/8 to 4" incl.
TYPE SRU (Universal Head)
TYPE SRC (Flat Head)
A
D
LENGTH ± .01*
1/8"
15/64"
3/16" to 11/2" incl.
5/32"
19/64"
1/4" to 13⁄4" incl.
3/16"
11/32"
1/4" to 3" incl.
1/4"
15/32"
3/8" to 31⁄2" incl.
5/16"
31/64"
1/2" to 4" incl.
3/8"
11/16"
5/8" to 4" incl.
TYPE SRC (on special order only)
TYPE SRU (available from stock)
*Lengths in multiples of 1/16". Consult factory for additional sizes and types.
*Lengths in multiples of 1/16". Consult factory for additional sizes and types.
5
Consult factory for additional sizes.
Visit our website for downloadable CAD drawings:
www.apmhexseal.com



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com