| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC14WAMDECTSF01T bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SC14WAMDECTSF01T bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp |
|
6 / 37 page ![]() Datasheet Revision 3.1 05-Jan-2022 CFR0011-120-00-FM Rev 5 6 of 36 © 2022 Renesas Electronics SC14WAMDECT SF Wireless Audio Module FINAL Note 2: GND: internally connected to the module ground plane. Every GND pin should be connected to the main PCB.ground plane. NC: not connected. TP: test point. Note 3: All digital inputs have Schmitt trigger inputs. After reset all I/Os are set to input and all pull-up or pull-down resistors are enabled unless oth- erwise specified. PU = Pull-up resistor enabled, PD = Pull-down resistor enabled, I = input, O = output, Hi-Z = high impedance, 1 = logic HIGH level, 0 = logic LOW level Refer also to Px_DIR_REGs for INPUT/OUTPUT and Pull-up/Pull-down configurations 59 LED_GRN O 8 I Green LED output. See section 5.0. 60 GND - - - Ground 61 VDDOUT - - - Supply voltage output for LED_RED2 (typ. 1.8 V). Internally con- nected to JTAG (pin 53) via a 1 k pull-up resistor. 62 VBATSW O 8 I-PU Supply voltage output for LED_RED1, LED_GRN (< 3.45 V). 63 VBATIN I - - Main supply voltage < 3.45 V. 64 VBATIN I - - Main supply voltage < 3.45 V. 65 ACCESS_0 I - I TG mode: Access code bit 0 (LSB). PA mode: Must be unconnected. 66 ACCESS_5 I - I TG mode: Access code bit 5 (MSB). PA mode: Must be unconnected. 67 ACCESS_4 I - I TG mode: Access code bit 4. PA mode: Must be unconnected. 68 ACCESS_3 I - I TG mode: Access code bit 3. PA mode: Must be unconnected. 69 ACCESS_2 I - I TG mode: Access code bit 2. PA mode: Must be unconnected. 70 GND - - - Ground 71 GND - - - Ground 72 GND - - - Ground 73 RF1 - - - RF signal for external antenna. See section 5.6 74 GND - - - Ground 75 RF0 - - - RF signal for external antenna. See section 5.6 76 GND - - - Ground 77 GND - - - Ground 78 GND - - - Ground 79 TP1 - - - Tuning point for internal antenna. Follow instructions of section 7.3. 80 GND - - - Ground 81:88 TP2 to TP9 NC Must be unconnected. See section 7.1 and Figure 13. Table 2: Pin description (Continued) Pin Module Pin name (Note 2) In/ Out Iout Drive (mA) Reset State (Note 3) Description |