công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC74VCX138FK bảng dữ liệu(PDF) 7 Page - Toshiba Semiconductor

tên linh kiện TC74VCX138FK
Giải thích chi tiết về linh kiện  Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX138FK bảng dữ liệu(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74VCX138FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX138FK Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TC74VCX138FT/FK
2007-10-19
7
AC Characteristics (Ta = −40~85°C, Input: tr = tf = 2.0 ns) (Note)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.2
3.0
41.0
CL = 15 pF, RL = 2 kΩ
1.4
± 0.1
2.0
16.4
1.8
± 0.15
1.5
8.2
2.5
± 0.2
0.8
4.1
Propagation delay time (A, B, C- Y)
tpLH
tpHL
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
3.5
ns
1.2
3.0
41.0
CL = 15 pF, RL = 2 kΩ
1.4
± 0.1
2.0
16.4
1.8
± 0.15
1.5
8.2
2.5
± 0.2
0.8
4.1
Propagation delay time (G1- Y)
tpLH
tpHL
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
3.5
ns
1.2
3.0
41.0
CL = 15 pF, RL = 2 kΩ
1.4
± 0.1
2.0
16.4
1.8
± 0.15
1.5
8.2
2.5
± 0.2
0.8
4.1
Propagation delay time ( 2
G- Y)
tpLH
tpHL
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
3.5
ns
Note:
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Dynamic Switching Characteristics (Ta = 25°C, Input: tr = tf = 2.0 ns, CL = 30 pF)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
0.25
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
0.6
Quiet output maximum dynamic VOL
VOLP
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
0.8
V
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
−0.25
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
−0.6
Quiet output minimum dynamic VOL
VOLV
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
−0.8
V
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
1.5
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
1.9
Quiet output minimum dynamic VOH
VOHV
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
2.2
V
Note:
This parameter is guaranteed by design.
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
⎯
1.8, 2.5, 3.3
6
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note)
1.8, 2.5, 3.3
40
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com