| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSV80X bảng dữ liệu(PDF) 168 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV80X bảng dữ liệu(HTML) 168 Page - STMicroelectronics |
|
168 / 181 page ![]() 11.42 FSM_OUTS8 (53h) ...........................................................122 11.43 SFLP_ODR (5Eh) ............................................................123 11.44 FSM_ODR (5Fh) .............................................................123 11.45 MLC_ODR (60h) .............................................................124 11.46 STEP_COUNTER_L (62h) and STEP_COUNTER_H (63h) .........................124 11.47 EMB_FUNC_SRC (64h).......................................................125 11.48 EMB_FUNC_INIT_A (66h).....................................................126 11.49 EMB_FUNC_INIT_B (67h).....................................................126 11.50 EMB_FUNC_SENSOR_CONV_EN (6Eh) ........................................126 11.51 MLC1_SRC (70h) ............................................................127 11.52 MLC2_SRC (71h) ............................................................127 11.53 MLC3_SRC (72h) ............................................................127 11.54 MLC4_SRC (73h) ............................................................127 11.55 MLC5_SRC (74h) ............................................................128 11.56 MLC6_SRC (75h) ............................................................128 11.57 MLC7_SRC (76h) ............................................................128 11.58 MLC8_SRC (77h) ............................................................128 12 Embedded advanced features pages ............................................ 129 13 Embedded advanced features register description .............................. 132 13.1 Page 0 - embedded advanced features registers ..................................132 13.1.1 FSM_EXT_SENSITIVITY_L (BAh) and FSM_EXT_SENSITIVITY_H (BBh) .......... 132 13.1.2 FSM_EXT_OFFX_L (C0h) and FSM_EXT_OFFX_H (C1h) ...................... 133 13.1.3 FSM_EXT_OFFY_L (C2h) and FSM_EXT_OFFY_H (C3h) ...................... 133 13.1.4 FSM_EXT_OFFZ_L (C4h) and FSM_EXT_OFFZ_H (C5h)....................... 134 13.1.5 FSM_EXT_MATRIX_XX_L (C6h) and FSM_EXT_MATRIX_XX_H (C7h) ............ 134 13.1.6 FSM_EXT_MATRIX_XY_L (C8h) and FSM_EXT_MATRIX_XY_H (C9h) ............ 135 13.1.7 FSM_EXT_MATRIX_XZ_L (CAh) and FSM_EXT_MATRIX_XZ_H (CBh) ............ 135 13.1.8 FSM_EXT_MATRIX_YY_L (CCh) and FSM_EXT_MATRIX_YY_H (CDh)............ 136 13.1.9 FSM_EXT_MATRIX_YZ_L (CEh) and FSM_EXT_MATRIX_YZ_H (CFh) ............ 136 13.1.10 FSM_EXT_MATRIX_ZZ_L (D0h) and FSM_EXT_MATRIX_ZZ_H (D1h) ............ 137 13.1.11 EXT_CFG_A (D4h) ..................................................... 138 13.1.12 EXT_CFG_B (D5h) ..................................................... 138 13.2 Page 1 - embedded advanced features registers ..................................139 13.2.1 XL_HG_SENSITIVITY_L (58h) and XL_HG_SENSITIVITY_H (59h)................ 139 13.2.2 FSM_LC_TIMEOUT_L (7Ah) and FSM_LC_TIMEOUT_H (7Bh)................... 139 13.2.3 FSM_PROGRAMS (7Ch) ................................................ 140 13.2.4 FSM_START_ADD_L (7Eh) and FSM_START_ADD_H (7Fh) .................... 140 LSM6DSV80X Contents DS14764 - Rev 1 page 168/181 |