| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC74LCX646FS bảng dữ liệu(PDF) 3 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC74LCX646FS bảng dữ liệu(HTML) 3 Page - Toshiba Semiconductor |
|
3 / 11 page ![]() TC74LCX646FS 2007-10-19 3 Truth Table Control Inputs Bus OE DIR CAB CBA SAB SBA A B Function Input Input X* X* X X Z Z The output functions of A and B busses are disabled. H X X X X X Both A and B busses are used as inputs to the internal flip-flops. Data on the bus will be stored on the rising edge of the Clock. Input Output L L X* X* L X H H The data on the A bus are displayed on the B bus. L L X* L X H H The data on the A bus are displayed on the B bus, and are stored into the A storage flip-flops on the rising edge of CAB. X* X* H X X Qn The data in the A storage flop-flops are displayed on the B bus. L L L H X* H X H H The data on the A bus are stored into the A storage flip-flops on the rising edge of CAB, and the stored data propagate directly onto the B bus. Output Input L L X* X* X L H H The data on the B bus are displayed on the A bus. L L X* X L H H The data on the B bus are displayed on the A bus, and are stored into the B storage flip-flops on the rising edge of CBA. X* X* X H Qn X The data in the B storage flip-flops are displayed on the A bus. L L L L X* X H H H The data on the B bus are stored into the B storage flip-flops on the rising edge of CBA, and the stored data propagate directly onto the A bus. X: Don’t care Z: High impedance Qn: The data stored into the internal flip-flops by most recent low to high transition of the clock inputs. *: The clocks are not internally with either OE or DIR. Therefore, data on the A and/or B busses may be clocked into the storage flip-flops at any time. |