công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC74LCX32FN bảng dữ liệu(PDF) 4 Page - Toshiba Semiconductor

tên linh kiện TC74LCX32FN
Giải thích chi tiết về linh kiện  Low-Voltage Quad 2-Input OR Gate with 5-V Tolerant Inputs and Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX32FN bảng dữ liệu(HTML) 4 Page - Toshiba Semiconductor

  TC74LCX32FN Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX32FN Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX32FN Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX32FN Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX32FN Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX32FN Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX32FN Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX32FN Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX32FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC74LCX32F/FN/FT/FK
2007-10-19
4
AC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
2.7
⎯
6.2
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
1.5
5.5
ns
2.7
⎯
⎯
Output to output skew
tosLH
tosHL
(Note)
3.3
± 0.3
⎯
1.0
ns
Note:
Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
Dynamic Switching Characteristics (Ta = 25°C, input: tr = tf = 2.5 ns, CL = 50 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Quiet output maximum dynamic VOL
VOLP
VIH = 3.3 V, VIL = 0 V
3.3
0.8
V
Quiet output minimum dynamic VOL
|VOLV| VIH = 3.3 V, VIL = 0 V
3.3
0.8
V
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
⎯
3.3
7
pF
Output capacitance
COUT
⎯
0
8
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note)
3.3
25
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/4 (per gate)



Html Pages

1 2 3 4 5 6 7 8 9 10