| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC3443 bảng dữ liệu(PDF) 12 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3443 bảng dữ liệu(HTML) 12 Page - Linear Technology |
|
12 / 16 page ![]() LTC3443 12 sn3443 3443fs above calculations in order to maintain the desired tran- sient response. The other component of ripple is due to the ESR (equiva- lent series resistance) of the output capacitor. Low ESR capacitors should be used to minimize output voltage ripple. For surface mount applications, Taiyo Yuden ce- ramic capacitors, AVX TPS series tantalum capacitors or Sanyo POSCAP are recommended. Input Capacitor Selection Since the VIN pin is the supply voltage for the IC it is recommended to place at least a 4.7µF, low ESR bypass capacitor. Table 2. Capacitor Vendor Information SUPPLIER PHONE FAX WEB SITE AVX (803) 448-9411 (803) 448-1943 www.avxcorp.com Sanyo (619) 661-6322 (619) 661-1055 www.sanyovideo.com Taiyo Yuden (408) 573-4150 (408) 573-4159 www.t-yuden.com Optional Schottky Diodes The Schottky diodes across the synchronous switches B and D are not required (VOUT < 4.3V), but provide a lower drop during the break-before-make time (typically 15ns) of the NMOS to PMOS transition, improving efficiency. Use a Schottky diode such as a Phillips PMEG2010EA or equivalent. Do not use ordinary rectifier diodes, since the slow recovery times will compromise efficiency. For appli- cations with an output voltage above 4.3V, a Schottky diode is required from SW2 to VOUT. Output Voltage < 2.4V The LTC3443 can operate as a buck converter with output voltages as low as 0.4V. The part is specified at 2.4V minimum to allow operation without the requirement of a Schottky diode. Synchronous switch D is powered from VOUT and the RDS(ON) will increase at low output voltages, therefore a Schottky diode is required from SW2 to VOUT to provide the conduction path to the output. Output Voltage > 4.3V A Schottky diode from SW to VOUT is required for output voltages over 4.3V. The diode must be located as close to the pins as possible in order to reduce the peak voltage on SW2 due to the parasitic lead and trace inductance. Input Voltage > 4.5V For applications with input voltages above 4.5V which could exhibit an overload or short-circuit condition, a 2Ω/1nF series snubber is required between the SW1 pin and GND. A Schottky diode from SW1 to VIN should also be added as close to the pins as possible. For the higher input voltages, VIN bypassing becomes more critical; therefore, a ceramic bypass capacitor as close to the VIN and GND pins as possible is also required. Operating Frequency Selection Additional quiescent current due to the output switches GATE charge is given by: Buck: 800e–12 • VIN • f Boost: 400e–12 • (VIN + VOUT) • f Buck/Boost: f • (1200e–12 • VIN + 400e–12 • VOUT) where f = switching frequency Closing the Feedback Loop The LTC3443 incorporates voltage mode PWM control. The control to output gain varies with operation region (Buck, Boost, Buck/Boost), but is usually no greater than 15. The output filter exhibits a double pole response is given by: f LC Hz FILTER POLE OUT _ •• • = π 1 2 where COUT is the output filter capacitor. APPLICATIO S I FOR ATIO |