công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7HSERIES bảng dữ liệu(PDF) 4 Page - BRIGHTKING (SHENZHEN) CO LTD.

tên linh kiện 7HSERIES
Giải thích chi tiết về linh kiện  Metal Oxide Varistors (MOV) Data Sheet
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BRIGHTKING [BRIGHTKING (SHENZHEN) CO LTD.]
Trang chủ  http://brightking.pulseelectronics.com/index.aspx
Logo BRIGHTKING - BRIGHTKING (SHENZHEN) CO LTD.

7HSERIES bảng dữ liệu(HTML) 4 Page - BRIGHTKING (SHENZHEN) CO LTD.

  7HSERIES Datasheet HTML 1Page - BRIGHTKING (SHENZHEN) CO LTD. 7HSERIES Datasheet HTML 2Page - BRIGHTKING (SHENZHEN) CO LTD. 7HSERIES Datasheet HTML 3Page - BRIGHTKING (SHENZHEN) CO LTD. 7HSERIES Datasheet HTML 4Page - BRIGHTKING (SHENZHEN) CO LTD. 7HSERIES Datasheet HTML 5Page - BRIGHTKING (SHENZHEN) CO LTD. 7HSERIES Datasheet HTML 6Page - BRIGHTKING (SHENZHEN) CO LTD. 7HSERIES Datasheet HTML 7Page - BRIGHTKING (SHENZHEN) CO LTD. 7HSERIES Datasheet HTML 8Page - BRIGHTKING (SHENZHEN) CO LTD. 7HSERIES Datasheet HTML 9Page - BRIGHTKING (SHENZHEN) CO LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
7H SERIES
Revision: MOV-7H SERIES-001(A3.1)
5 / 12
http://brightking.yageo.com
Electrical Ratings
Items
Test Condition/Description
Requirement
Varistor Voltage
The voltage between the two terminals with the specified measuring
current 1mA.DC applied is called Vb.
To meet the
Specified value
Maximum Allowable
Voltage
The recommended maximum sine wave voltage (RMS) or the
Maximum DC voltage can be applied continuously.
Maximum Clamping
Voltage
The maximum voltage between the two terminals with the
specification standard impulse current.
Applied waveform: 8/20μs
0
10
50
90
100
Time
Impulse Width
8µs
20µs
Crest value
Rated Wattage
The maximum average power that can be applied within the
specified ambient temperature.
Energy
The maximum energy within the varistor voltage change of ±10%
when one impulse of 10/1000μs or 2ms is applied.
Withstanding Surge
Current
The maximum current within the varistor voltage change of ±10%
with the standard impulse current (8/20μs) applied one time.
Varistor Voltage
Temp. Coefficient
V1mA@140℃-V1mA@25℃
V1mA@25℃
×
1
115
× 100%(%/℃)
≤0.05%/℃
V1mA@-40℃-V1mA@25℃
V1mA@25℃
×
1
65
× 100%(%/℃)
Surge Life
The change of Vb shall be measured after the impulse listed below
which is applied 10,000 times continuously with the interval of ten
seconds at room temperature.
7Φ series
180K to 680K
25A (8/20μs)
820K to 911K
50A (8/20μs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com