công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

32740 bảng dữ liệu(PDF) 1 Page - Wixroyd Group Ltd

tên linh kiện 32740
Giải thích chi tiết về linh kiện  Index Plunger - Pull Grip non-locking
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIXROYD [Wixroyd Group Ltd]
Trang chủ  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

32740 bảng dữ liệu(HTML) 1 Page - Wixroyd Group Ltd

  32740 Datasheet HTML 1Page - Wixroyd Group Ltd 32740 Datasheet HTML 2Page - Wixroyd Group Ltd 32740 Datasheet HTML 3Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
non-locking
Index Plunger - Pull Grip
Index Plunger &
Pins
Order No.
Type
Material
d
1
d
2
d
3
d
4
l
1
l
2
l
3
l
4
Spring load F
1
N
Spring load F
2
N
Weight
g
32740.W0045
With Grip
Steel
5
M10x1,0
21
-
45.0
5
22
-
6.0
14
17
32740.W0046
With Grip
Steel
6
M12x1,5
25
-
54.5
6
26
-
5.5
13
27
32740.W0048
With Grip
Steel
8
M16x1,5
31
-
69.0
8
34
-
11.5
28
63
32740.W0050
With Grip
Steel
10
M20x1,5
31
-
80.0
10
41
-
23.0
54
104
32740.W0065
No Grip
Steel
5
M10x1,0
-
M 5
-
5
22
6
6.0
14
12
32740.W0066
No Grip
Steel
6
M12x1,5
-
M 6
-
6
26
10
5.5
13
12
32740.W0068
No Grip
Steel
8
M16x1,5
-
M 8
-
8
34
12
11.5
28
46
32740.W0070
No Grip
Steel
10
M20x1,5
-
M 8
-
10
43
12
23.0
54
87
32740.W0445
With Grip
Stainless
5
M10x1,0
21
-
45.0
5
22
-
6.0
14
17
32740.W0446
With Grip
Stainless
6
M12x1,5
25
-
54.5
6
26
-
5.5
13
27
32740.W0448
With Grip
Stainless
8
M16x1,5
31
-
69.0
8
34
-
11.5
28
63
32740.W0450
With Grip
Stainless 10
M20x1,5
31
-
80.0
10
41
-
23.0
54
104
32740.W0465
No Grip
Stainless
5
M10x1,0
-
M 5
-
5
22
6
6.0
14
12
32740.W0466
No Grip
Stainless
6
M12x1,5
-
M 6
-
6
26
10
5.5
13
12
32740.W0468
No Grip
Stainless
8
M16x1,5
-
M 8
-
8
34
12
11.5
28
46
32740.W0470
No Grip
Stainless 10
M20x1,5
-
M 8
-
10
43
12
23.0
54
87
32740.W0955
Assembly Tool
Steel
-
for M10x1,0
-
-
-
-
-
-
-
-
10
32740.W0956
Assembly Tool
Steel
-
for M12x1,5
-
-
-
-
-
-
-
-
14
32740.W0958
Assembly Tool
Steel
-
for M16x1,5
-
-
-
-
-
-
-
-
25
32740.W0960
Assembly Tool
Steel
-
for M20x1,5
-
-
-
-
-
-
-
-
27
32740
0333 207 4497
sales@wixroyd.com
1
Material
Free Cutting Steel Type-
Body: free cutting steel, blackened.
Pin: steel, hardened.
Grip: thermoplastic PA6, black.
Stainless steel type -
Body: stainless steel 1.4305 (AISI 303).
Pin: stainless steel 1.4305 (AISI 303),
nickel plated.
Grip: thermoplastic PA6, black.
Technical Notes
„Non Locking“ type- pin simply springs
back when pull ring released.
Plungers without grip enable your own
adaptation with actuation grip/lever to
your own design. Installation requires use
of specific assembly tool, see data table.
Without grip temperature resistance up to
250°C.
Lock nuts sold separately. See Products
65690 or 65692.
Tips
Grip non-removable.
Spring loads * = statistical average.


Số phần tương tự - 32740

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PHOENIX CONTACT
3274000 PHOENIX-3274000 Datasheet
490Kb / 18P
Distribution block - PTFIX 10/6X4-G WH
Jul 29, 2022
3274002 PHOENIX-3274002 Datasheet
495Kb / 19P
Distribution block - PTFIX 10/6X4-G BK
Jun24.2022
3274004 PHOENIX-3274004 Datasheet
490Kb / 18P
Distribution block - PTFIX 10/6X4-G VT
Jul 29, 2022
3274005 PHOENIX-3274005 Datasheet
490Kb / 18P
Distribution block - PTFIX 10/6X4-G PK
Jul 29, 2022
3274006 PHOENIX-3274006 Datasheet
492Kb / 18P
Distribution block - PTFIX 10/6X4-G OG
Jul 20, 2022
More results

Mô tả tương tự - 32740

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Molex Electronics Ltd.
TM-638019100 MOLEX2-TM-638019100 Datasheet
644Kb / 15P
PT-1500 Auto Grip Pull Tester Operation Manual
logo
List of Unclassifed Man...
BU-00201-0 ETC2-BU-00201-0 Datasheet
49Kb / 1P
Plunger Clip
logo
Glenair, Inc.
824-001 GLENAIR-824-001 Datasheet
238Kb / 1P
Locking Push-Pull Mighty Mouse Plug
logo
Molex Electronics Ltd.
1301450005 MOLEX11-1301450005 Datasheet
45Kb / 1P
Safeway Plug with Locking Blade, 4 Pole/4 Wire, Non-NEMA, 208V, Cord Grip Body
1301450027 MOLEX11-1301450027 Datasheet
42Kb / 1P
Safeway Connector with Locking Blade, 4 Pole/4 Wire, Non-NEMA, 208V, Cord Grip
1301420002 MOLEX11-1301420002 Datasheet
47Kb / 1P
Super-Safeway Plug with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 250V, Cord Grip
130142-0006 MOLEX11-130142-0006 Datasheet
41Kb / 1P
Super-Safeway Plug with Locking Blade, 4 Pole/4 Wire, Non-NEMA, 208V, Cord Grip
1301470038 MOLEX11-1301470038 Datasheet
36Kb / 1P
Watertite Connector with Locking Blade, 4 Pole/4 Wire, Non-NEMA, 208V, Cord Grip
1301470091 MOLEX11-1301470091 Datasheet
36Kb / 1P
Watertite Connector with Locking Blade, 4 Pole/4 Wire, Non-NEMA, 250V, Cord Grip
logo
Amphenol Aerospace Oper...
2MRAM AAO-2MRAM Datasheet
276Kb / 2P
Positive-Locking Push-Pull Interface
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com