| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC7MP98FT bảng dữ liệu(PDF) 4 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC7MP98FT bảng dữ liệu(HTML) 4 Page - Toshiba Semiconductor |
|
4 / 12 page ![]() TC7MP97,98FT/FK 2007-10-19 4 Logic configrations(1/2) Function Input Condition TC7MP97 Logic symbol TC7MP98 Logic symbol FUNCTION TABLE MP97 AND MP98 NAND A=INPUT B=L-Level C=INPUT Y=OUTPUT Y A B C 97 98 L L L L H L L H L H H L L L H H L H H L MP97 OR MP98 NOR A=H-Level B=INPUT C=INPUT Y=OUTPUT Y A B C 97 98 H L L L H H L H H L H H L H L H H H H L MP97 Schmitt INV+NOR or Schmitt INV+AND MP98 Schmitt INV+OR or Schmitt INV+NAND A=L-Level B=INPUT C=INPUT Y=OUTPUT OR OR Y A B C 97 98 L L L L H L L H L H L H L H L L H H L H MP97 Schmitt INV+NAND or Schmitt INV+OR MP98 Schmitt INV+AND or Schmitt INV+NOR A=INPUT B=H-Level C=INPUT Y=OUTPUT OR OR Y A B C 97 98 L H L H L L H H L H H H L H L H H H H L MP97 2 to 1 Selector MP98 2 to 1 Selector+INV A=INPUT B=INPUT C=Select Y=OUTPUT Y A B C 97 98 L L L L H L H L H L H L L L H H H L H L L L H L H L H H L H H L H H L H H H H L C A B Y C A B Y A C Y A C Y A C Y A C Y B C Y B C Y B C Y B C Y B C Y B C Y A C Y A C Y |