công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U375CEU6GTR bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STM32U375CEU6GTR
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CEU6GTR bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STM32U375CEU6GTR Datasheet HTML 1Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 2Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 3Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 4Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 5Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 6Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 7Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 8Page - STMicroelectronics STM32U375CEU6GTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 222 page
background image
2
Description
The STM32U375xx devices belong to an ultra low-power microcontrollers family (STM32U3 series) based on the
high-performance Arm® Cortex®-M33 32-bit RISC core. They operate at a frequency of up to 96 MHz.
The Cortex®-M33 core features a single
‑precision FPU (floating‑point unit), that supports all the Arm®
single
‑precision data‑processing instructions and all the data types.
The Cortex®-M33 core also implements a full set of DSP (digital signal processing) instructions and a MPU
(memory protection unit) that enhances the application security.
The STM32U3 series is the first STM32 series based on near-threshold voltage technology to deliver
breakthrough improvement in battery life. With near-threshold technology, STM32U3 devices reduce the active
consumption down to 10μA/MHz, resulting in significantly longer battery life for any application.
The devices embed high
‑speed memories (up to 1‑Mbyte flash memory and 256‑Kbytes SRAM), one Octo/Quad-
SPI flash memory interface, an extensive range of enhanced I/Os, peripherals connected to three APB buses, two
AHB buses, and a 32
‑bit multi‑AHB bus matrix.
The STM32U375xx devices embed several protection mechanisms for embedded flash memory and SRAM:
readout protection, write protection, secure proprietary code readout protection, secure, and hide protection
areas.
These devices offer two 12-bit ADC (2.5 Msps), two comparators, two operational amplifiers, two DAC channels,
an internal voltage reference buffer, a low-power RTC, three general-purpose 32-bit timer, one 16-bit PWM timer
dedicated to motor control, three general-purpose 16-bit timers, two basic 16-bit timers and up to four 16-bit low-
power timers.
The STM32U375xx devices embed a low-power digital filter dedicated to audio signals (ADF), with one filter
supporting sound-activity detection. In addition, up to 21 capacitive sensing channels are available.
The STM32U3 series also feature standard and advanced communication interfaces such as:
•
Three I2Cs
•
Two I3Cs
•
Three SPIs and one OCTOSPI
•
Two USARTs, two UARTs and one low-power UART
•
One SAI
•
One SDMMC
•
One FDCAN
•
One USB full-speed
And several peripherals reinforcing security:
•
One public key accelerator (PKA), DPA resistant
•
One HASH (SHA-256) hardware accelerator
•
One true random number generator
The STM32U375xx devices offer high protection against transient and environmental perturbation attacks thanks
to several internal monitoring generating secret data erase in case of attack.
The devices operate in the -40 to +105 °C (+110 °C junction) temperature ranges from a 1.71 to 3.6 V power
supply.
Some independent power supplies are supported like an analog independent supply input for ADC, DAC,
OPAMPs and comparators, a 3.3 V dedicated supply input for USB and up to 14 I/Os, that can be supplied
independently down to 1.08 V. A VBAT input is available for connecting a backup battery in order to preserve the
RTC functionality and to backup 32 32
‑bit registers.
The STM32U375xx devices offer 16 packages from 32-pin to 100-pin.
STM32U375xx
Description
DS14861 - Rev 2
page 5/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com