| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI6CB332016A bảng dữ liệu(PDF) 16 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
PI6CB332016A bảng dữ liệu(HTML) 16 Page - Diodes Incorporated |
|
16 / 27 page ![]() 16 16 A Product Line of Diodes Incorporated PI6CB332016A November 2024 © 2024 Copyright Diodes Incorporated. All Rights Reserved. PI6CB332016A Document Number DS45931 Rev 3-2 www.diodes.com Byte 3: OE_PIN_READBACK_1 Bit Control Function Description Type Power Up Condition Definition 7 RB_OE#_15 Status of OE#15 RO Pin 0 = OE# pin low 1 = OE# pin high 6 RB_OE#_14 Status of OE#14 RO Pin 5 RB_OE#_13 Status of OE#13 RO Pin 4 RB_OE#_12 Status of OE#12 RO Pin 3 RB_OE#_11 Status of OE#11 RO Pin 2 RB_OE#_10 Status of OE#10 RO Pin 1 RB_OE#_9 Status of OE#9 RO Pin 0 RB_OE#_8 Status of OE#8 RO Pin Byte 4: SBEN_RDBK_ ACP_CONFIG Bit Control Function Description Type Power Up Condition Definition 7 Reserved RW 1 6 RW 1 5 RW 1 4 ACP_ENABLE Enable Automatic Clock Parking to low/low when LOS event is detected RW 1 0 = disable ACP 1 = enable ACP 3 Reserved RW 1 2 RW 1 1 RW 0 0 RB_SBI_ENQ Status of SBI_ENQ RO Pin 0 = pin low 1 = pin high Byte 5: VENDOR_REVISION_ID Bit Control Function Description Type Power Up Condition Definition 7 RID REVISION ID, A rev is 0000 RO 0000 6 RO 5 RO 4 RO 3 VID VENDOR ID, Diodes RO 0011 2 RO 1 RO 0 RO |