| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TB2104F bảng dữ liệu(PDF) 3 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TB2104F bảng dữ liệu(HTML) 3 Page - Toshiba Semiconductor |
|
3 / 9 page ![]() TB2104F 2002-10-30 3 Explanation Of Operation 1. Serial data receiver circuit · The serial data receiver circuit can be changed over to operate in the serial mode or the T-BUS mode by switching, the AD1 / AD2 terminals. · In T-BUS mode, the AD1 / AD2 terminals become the chip select code inputs and it becomes possible to connect up to 8 drivers on the same bus line. 1) Input data format in serial data mode (AD1 = AD2 = “open”) · Display data are updated when data for 20 bits are input from MSB side (HVO-20), synchronizing with rise of CLK signal and LS input is set to “H” level after inputting data. · When increasing driver ICs, connect them through cascade connection as shown below: 2. Input data format in T-BUS mode |