| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD4029 bảng dữ liệu(PDF) 10 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
CD4029 bảng dữ liệu(HTML) 10 Page - SYC Electronica |
|
10 / 11 page ![]() Timing Diagrams (Continued) FIGURE 12. TIMING DIAGRAM-DECADE MODE FIGURE 13. CASCADING COUNTER PACKAGES 0 1 2 345 6 7 8 9 8 7 6 5 43 2 100 9 8 7 CLOCK (CL) CARRY IN (CL ENABLE) UP/DOWN BINARY/ PRESET ENABLE J1 J2 J3 J4 Q1 Q2 Q3 Q4 CARRY OUT COUNT DECADE *CARRY OUT LINES AT THE 2ND, 3RD, ETC, STAGES MAY HAVE A NEG- ATIVE-GOING GLITCH PULSE RESULTING FROM DIFFERENTIAL DELAYS OF DIFFERENT CD4029BMS IC’S. THESE NEGATIVE GOING GLITCHES DO NOT AFFECT PROPER CD4029BMS OPERATION. HOW- EVER, IF THE CARRY OUT SIGNALS ARE USED TO TRIGGER OTHER EDGE-SENSITIVE LOGIC DEVICES, SUCH AS FF’S OR COUNTERS, THE CARRY OUT SIGNALS SHOULD BE GATED WITH THE CLOCK SIGNAL USING A 2-INPUT OR GATE SUCH AS CD4071BMS. UP/D B/D PE CL Q1 Q2 Q3 Q4 CI CO J1 J2 J3 J4 CD4029 UP/D B/D PE CL Q1 Q2 Q3 Q4 CI CO J1 J2 J3 J4 CD4029 UP/D B/D PE CL Q1 Q2 Q3 Q4 CI CO J1 J2 J3 J4 CD4029 * UP/DOWN PRESET ENABLE CLOCK BINARY/ DECADE “PARALLEL CLOCKING” CD4029BMS www.sycelectronica.com.ar |