| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM78452P bảng dữ liệu(PDF) 39 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78452P bảng dữ liệu(HTML) 39 Page - ELAN Microelectronics Corp |
|
39 / 54 page ![]() EM78452 8-Bit Microcontroller Product Specification (V1.0) 10.18.2007 • 35 (This specification is subject to change without further notice) Table 6 Summary of the Initialized Values for Registers Address Name Reset Type Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit Name C57 C56 C55 C54 C53 C52 C51 C50 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 N/A IOC5 Wake-up from Pin Change P P P P P P P P Bit Name C67 C66 C65 C64 C63 C62 C61 C60 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 N/A IOC6 Wake-up from Pin Change P P P P P P P P Bit Name C77 C76 C75 C74 C73 C72 C71 C70 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 N/A IOC7 Wake-up from Pin Change P P P P P P P P Bit Name C87 C86 C85 C84 C83 C82 C81 C80 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 N/A IOC8 Wake-up from Pin Change P P P P P P P P Bit Name C97 C96 C95 C94 C93 C92 C91 C90 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 N/A IOC9 Wake-up from Pin Change P P P P P P P P Bit Name /PHEN /INT - - PAB PSR2 PSR1 PSR0 Power-on 1 0 1 1 1 1 1 1 /RESET and WDT 1 P 1 1 1 1 1 1 N/A CONT Wake-up from Pin Change P P P P P P P P Bit Name - - - - - - - - Power-on U U U U U U U U /RESET and WDT P P P P P P P P 0x00 R0 (IAR) Wake-up from Pin Change P P P P P P P P Bit Name - - - - - - - - Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 0x01 R1 (TCC) Wake-up from Pin Change P P P P P P P P Bit Name - - - - - - - - Power-on 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 0x02 R2 (PC) Wake-up from Pin Change **P **P **P **P **P **P **P **P Bit Name GP PS1 PS0 T P Z DC C Power-on 0 0 0 t t U U U /RESET and WDT 0 0 0 t t P P P 0x03 R3 (SR) Wake-up from Pin Change P P P t t P P P Bit Name RSR.1 RSR.0 - - - - - - Power-on 0 0 U U U U U U /RESET and WDT 0 0 P P P P P P 0x04 R4 (RSR) Wake-up from Pin Change P P P P P P P P |