công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HA1-4902/883 bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện HA1-4902/883
Giải thích chi tiết về linh kiện  Precision Quad Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1-4902/883 bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  HA1-4902/883 Datasheet HTML 1Page - Renesas Technology Corp HA1-4902/883 Datasheet HTML 2Page - Renesas Technology Corp HA1-4902/883 Datasheet HTML 3Page - Renesas Technology Corp HA1-4902/883 Datasheet HTML 4Page - Renesas Technology Corp HA1-4902/883 Datasheet HTML 5Page - Renesas Technology Corp HA1-4902/883 Datasheet HTML 6Page - Renesas Technology Corp HA1-4902/883 Datasheet HTML 7Page - Renesas Technology Corp HA1-4902/883 Datasheet HTML 8Page - Renesas Technology Corp HA1-4902/883 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HA-4902/883
FN3929 Rev.1.00
Page 2 of 12
May 3, 2012
Absolute Maximum Ratings
Thermal Information
Voltage (Between V+ and V- Terminals). . . . . . . . . . . . . . . . . . . . . . . . . . 35V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±15V
Peak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±50mA
Output Short Circuit Current Duration . . . . . . . . . . . . . . . . . . . . . . Indefinite
(One Amplifier Shorted to GND)
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Recommended Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Operating Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±15V
Logic Supply Voltage (VL+) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V
Logic Reference Voltage (VL-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V
Thermal Resistance (Typical, Note 1)
JA (°C/W) JC (°C/W)
CERDIP Package . . . . . . . . . . . . . . . . . . . . .
76
17
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+175°C
Maximum Storage Temperature Range . . . . . . . . . . . . . -65°C to +150°C
Package Power Dissipation Limit at +75°C
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.31W
Package Power Dissipation Derating Factor Above +75°C
CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.1mW/°C
Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . . . . . . . +300°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
1.
JA is measured with the component mounted on an evaluation PC board in free air.
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: Supply Voltage = ±15V, VL+ = 5V, VL- = 0V, unless otherwise specified.
D.C. PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMP (°C)
MIN
MAX
UNITS
Input Offset Voltage
VIO
VCM = 0V, VOUT = 1.4V (See Note 4)
1
+25
-5
5
mV
2, 3
+125, -55
-8
8
mV
Input Bias Current
+IB
VCM = 0V
1
+25
-150
150
nA
2, 3
+125, -55
-200
200
nA
-IB
VCM = 0V
1
+25
-150
150
nA
2, 3
+125, -55
-200
200
nA
Input Offset Current
IIO
VCM = 0V
1
+25
-35
35
nA
2, 3
+125, -55
-45
45
nA
Input Sensitivity
INSEN
(See Note 4)
1
+25
-0.5
0.5
mV
2, 3
+125, -55
-0.6
0.6
mV
Output Voltage Levels
VOL
ISINK = 3mA
1
+25
-
0.4
V
2, 3
+125, -55
-
0.4
V
VOH
ISOURCE = 3mA
1
+25
3.5
-
V
2, 3
+125, -55
3.5
-
V
Output Current
ISINK
VOUT ≤0.4V
1
+25
3
-
mA
2, 3
+125, -55
3
-
mA
ISOURCE
VOUT ≥3.5V
1
+25
-
-3
mA
2, 3
+125, -55
-
-3
mA
Supply Current
+ICC
VOUT = VOL, VOH
1
+25
-
20
mA
2, 3
+125, -55
-
20
mA
-ICC
VOUT = VOL, VOH
1
+25
-
8
mA
2, 3
+125, -55
-
10
mA
Logic Current
IL
VOUT = VOL, VOH
1
+25
-
6
mA
2, 3
+125, -55
-
8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com