công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCTSM80102AAL bảng dữ liệu(PDF) 2 Page - Bourns Electronic Solutions

tên linh kiện HCTSM80102AAL
Giải thích chi tiết về linh kiện  HCT Series - High Clearance and Creepage Distance Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOURNS [Bourns Electronic Solutions]
Trang chủ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

HCTSM80102AAL bảng dữ liệu(HTML) 2 Page - Bourns Electronic Solutions

  HCTSM80102AAL Datasheet HTML 1Page - Bourns Electronic Solutions HCTSM80102AAL Datasheet HTML 2Page - Bourns Electronic Solutions HCTSM80102AAL Datasheet HTML 3Page - Bourns Electronic Solutions HCTSM80102AAL Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HCT Series - High Clearance and Creepage Distance Transformers
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Reflow Solder Profile
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C / second max.
PREHEAT:
Temperature Min. (Tsmin)
Temperature Max. (Tsmax)
Time (Tsmin to Tsmax) (ts)
150 °C
200 °C
60~180 seconds
TIME MAINTAINED ABOVE:
Temperature (TL)
Time (tL)
217 °C
60~150 seconds
Peak Temperature (Tp)
245-250 °C
Time within 5 °C of Actual Peak Temperature (tp) 20~40 seconds
Ramp-Down Rate
6 °C / second max.
Time 25 °C to Peak Temperature
8 minutes max.
TP
TP
tp
ts
TTO
RAMP-UP
L
TL
t L
TMAX.
S
TMIN.
25 °C
PREHEAT
S
Time
CRITICAL ZONE
RAMP-DOWN
t 25 °C TO PEAK
Typical Application
4
51
2
3
D1
VCC
D2
GND
SN6501-Q1
GND
T1
MBR0520L
MBR0520L
TP1
VOUT
VIN
1 µF
1 µF
How to Order
HCTSM80101A A L - *
Model
AEC-Q200 Compliancy Designator
RoHS Compliancy Designator
Tape & Reel Packaging
E = 500 pcs. per 13-inch Reel,
5 Reels per Box,
MOQ/Mult: 2500 pcs./2500 pcs.
E1 = 500 pcs. per 13-inch Reel,
1 Reel per Box,
MOQ/Mult: 500 pcs./500 pcs.



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com