| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32U385CG bảng dữ liệu(PDF) 189 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U385CG bảng dữ liệu(HTML) 189 Page - STMicroelectronics |
|
189 / 224 page ![]() 10. Exact shape of each corner is optional. 11. These dimensions apply to the flat section of the lead between 0.10 mm and 0.25 mm from the lead tip. 12. A1 is defined as the distance from the seating plane to the lowest point on the package body. 13. “N” is the number of terminal positions for the specified body size. 14. Values in inches are converted from mm and rounded to 4 decimal digits 15. Drawing is not to scale. Figure 70. LQFP48 - Footprint example 12 24 1 37 36 5.80 0.30 25 1.20 0.50 13 48 9.70 7.30 9.70 0.20 5B_LQFP48_FP_V1 1. Dimensions are expressed in millimeters. STM32U385xx Package information DS14830 - Rev 2 page 189/224 |