công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U385CG bảng dữ liệu(PDF) 171 Page - STMicroelectronics

tên linh kiện STM32U385CG
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG bảng dữ liệu(HTML) 171 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 167Page - STMicroelectronics STM32U385CG Datasheet HTML 168Page - STMicroelectronics STM32U385CG Datasheet HTML 169Page - STMicroelectronics STM32U385CG Datasheet HTML 170Page - STMicroelectronics STM32U385CG Datasheet HTML 171Page - STMicroelectronics STM32U385CG Datasheet HTML 172Page - STMicroelectronics STM32U385CG Datasheet HTML 173Page - STMicroelectronics STM32U385CG Datasheet HTML 174Page - STMicroelectronics STM32U385CG Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 224 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CMD, D outputs (referenced to CK) in SD default mode
tOV
Output valid default time SD
-
-
0.5
1.5
ns
tOH
Output hold default time SD
-
0
-
-
1. With capacitive load CL = 20 pF.
2. For SD 1.8 V support, an external voltage converter is needed.
3. Minimum window of time where the data needs to be stable for proper sampling in tuning mode.
Table 115. e.MMC characteristics (VDD = 1.71 V to 1.9 V)
Evaluated by characterization. Not tested in production.
Symbol
Parameter(1)
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer mode
-
-
-
84
MHz
tW(CKL)
Clock low time
fPP = 48 MHz
9.5
10.5
-
ns
tW(CKH)
Clock high time
fPP = 48 MHz
9.5
10.5
-
CMD, D inputs (referenced to CK) in e.MMC mode
tISU
Input setup time HS
-
3
-
-
ns
tIH
Input hold time HS
-
2.5
-
-
tIDW(2)
Input valid window (variable window)
-
5
-
-
CMD, D outputs (referenced to CK) in e.MMC mode
tOV
Output valid time HS
-
-
6
7.5
ns
tOH
Output hold time HS
-
4
-
-
1. With capacitive load CL = 20 pF.
2. Minimum window of time where the data needs to be stable for proper sampling in tuning mode.
Figure 55. SD high-speed mode
CK
D, CMD output
D, CMD input
tOV
tOH
tISU
tIH
tC(CK)
tW(CKH)
tW(CKL)
Figure 56. SD default mode
CK
D, CMD output
tOV
tOH
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 171/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com