công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32U385CG bảng dữ liệu(PDF) 106 Page - STMicroelectronics

tên linh kiện STM32U385CG
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS, crypto
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U385CG bảng dữ liệu(HTML) 106 Page - STMicroelectronics

Back Button STM32U385CG Datasheet HTML 102Page - STMicroelectronics STM32U385CG Datasheet HTML 103Page - STMicroelectronics STM32U385CG Datasheet HTML 104Page - STMicroelectronics STM32U385CG Datasheet HTML 105Page - STMicroelectronics STM32U385CG Datasheet HTML 106Page - STMicroelectronics STM32U385CG Datasheet HTML 107Page - STMicroelectronics STM32U385CG Datasheet HTML 108Page - STMicroelectronics STM32U385CG Datasheet HTML 109Page - STMicroelectronics STM32U385CG Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 224 page
background image
Symbol
Parameter
Conditions
Typ
Max(2)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Stop 1
with
RTC)
Supply current in
Stop 1 mode, RTC(1)
clocked by LSE
bypassed at
32768 Hz, 8 KB
SRAM2 + ICACHE
retained
1.8
145
430
1250
2400
530
1300
3800
7200
µA
2.4
145
435
1250
2450
530
1400
3800
7400
3
145
435
1250
2450
530
1400
3800
7400
3.3
145
435
1250
2450
530
1400
3800
7400
3.6
145
435
1250
2450
530
1400
3800
7400
Supply current in
Stop 1 mode, RTC(1)
clocked by LSE
quartz in low-drive
mode,
RCC_BDCR.LSESY
SEN = 0, 8 KB
SRAM2 + ICACHE
retained
1.8
140
425
1250
2400
-
-
-
-
2.4
140
425
1250
2400
-
-
-
-
3
140
430
1250
2400
-
-
-
-
3.3
140
430
1250
2400
-
-
-
-
3.6
140
430
1250
2450
-
-
-
-
1. RTC with default configuration except RTC_CALR.LPCAL = 1
2. Evaluated by characterization. Not tested in production.
Table 46. Current consumption during wake-up from Stop 1 mode on LDO
Symbol
Parameter
Conditions
Typ
Unit
VDD
25°C
QDD (wake-up from
Stop 1)
Electrical charge
consumed during
wake-up from Stop 1
mode
Wake-up clock is MSI 48 MHz
3
12
nAs
Wake-up clock is HSI 16 MHz
12
Wake-up clock is MSI 3 MHz
18
Table 47. Current consumption in Stop 1 mode on SMPS
Symbol
Parameter
Conditions
Typ
Max(2)
Unit
VDD
25°C
55°C
85°C
105°C
30°C
55°C
85°C
105°C
IDD
(Stop 1)
Supply current in Stop 1
mode, RTC disabled, 8 KB
SRAM2 + ICACHE retained
1.8
82
220
615
1200
300
660
1900
3600
µA
2.4
68
175
480
910
250
530
1500
2800
3
61
150
400
760
220
450
1200
2300
3.3
58
140
375
710
210
420
1200
2200
3.6
57
135
355
670
210
410
1100
2100
Supply current in Stop 1
mode, RTC disabled, all
SRAMs retained
1.8
89
230
645
1250
320
690
2000
3800
2.4
75
185
505
970
280
560
1600
3000
3
68
160
430
820
250
480
1300
2500
3.3
65
150
405
770
240
450
1300
2400
3.6
64
145
385
725
230
440
1200
2200
IDD
(Stop 1
with
RTC)
Supply current in Stop 1
mode, RTC(1) clocked by LSI
32 kHz, 8 KB
SRAM2 + ICACHE retained
1.8
82
220
615
1200
300
660
1900
3600
2.4
69
175
480
910
250
530
1500
2800
3
61
150
400
760
220
450
1200
2300
3.3
59
140
375
710
220
420
1200
2200
3.6
57
135
355
670
210
410
1100
2100
STM32U385xx
Electrical characteristics
DS14830 - Rev 2
page 106/224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com