| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32U545CEU6 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U545CEU6 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 30 page ![]() Figure 4. STM32CubeU5 MCU package structure BSP drivers for the supported boards: - Evaluation board - Discovery kit - Nucleo kit STM32U5xx HAL & LL drivers STMTouch library Azure RTOS middleware Open Source middleware 1. The component files must not be modified by the user. Only the \Projects sources are editable by the user. STM32CubeU5 firmware package release notes, README, and package license files Set of examples, applications, and demonstrations organized by board and provided with preconfigured projects (user modifiable files) USB power delivery libraries Contains STM32U5xx CMSIS files that define peripheral register declarations, bit definitions and address mapping Miscellaneous utilities Project examples list per board UM2883 STM32CubeU5 MCU package overview UM2883 - Rev 4 page 11/30 |