công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2945CUD bảng dữ liệu(PDF) 14 Page - Analog Devices

tên linh kiện LTC2945CUD
Giải thích chi tiết về linh kiện  Wide Range I2C Power Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

LTC2945CUD bảng dữ liệu(HTML) 14 Page - Analog Devices

Back Button LTC2945CUD Datasheet HTML 10Page - Analog Devices LTC2945CUD Datasheet HTML 11Page - Analog Devices LTC2945CUD Datasheet HTML 12Page - Analog Devices LTC2945CUD Datasheet HTML 13Page - Analog Devices LTC2945CUD Datasheet HTML 14Page - Analog Devices LTC2945CUD Datasheet HTML 15Page - Analog Devices LTC2945CUD Datasheet HTML 16Page - Analog Devices LTC2945CUD Datasheet HTML 17Page - Analog Devices LTC2945CUD Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LTC2945
14
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
GND
C2
VNEG
–4V TO –80V
RSNS
VOUT
VDD
INTVCC
SENSE–
GND
2945 F04
SENSE+
LTC2945
Figure 4. LTC2945 Derives Power from the Supply
Being Monitored in Low-Side Current Sense Topology
1.9k and 5.9k according to Equation 1, and for reduced
power dissipation, a larger resistance is advantageous.
The worst-case power dissipated in an RSHUNT of 5.4k is
calculated to be 0.8W. So, three 0.5W rated 1.8k resistors
in series would suffice for this example.
If the supply input is nominally below 80V and transient is
limited to below 100V, the shunt resistor is not required
and VDD can be connected to GND of the supply as shown
in Figure 4.
The onboard linear regulator is disabled in shutdown mode
to conserve power. If low IQ mode is not required and the
regulator is used to power I2C bus-related circuitry such as
opto-couplers or pull-ups, ensure bit A1 in the CONTROL
register is masked off during software development. In such
applications, the user is advised that accidentally disabling the
regulator would prevent I2C communication from the master
and cause the LTC2945 to disengage from the system. The
LTC2945 would then have to be reset by cycling its power
to come out of shutdown. It is recommended that external
regulators be used in such applications if powering down the
LTC2945 is desirable. Quiescent current drops below 80µA in
shutdown mode with the internal regulator disabled.
Power Calculation and Configuration
The LTC2945 calculates power by multiplying the measured
current with the measured voltage. In continuous mode, the
differential voltage between SENSE+ and SENSE– is mea-
sured to obtain load current data. The supply voltage data
for multiplication can be selected between VDD, SENSE+, or
ADIN. SENSE+ is selected by default as it is normally con-
nected to the supply voltage. In negative supply voltage sys-
tems such as shown in Figure 4, the device ground (GND
pin of LTC2945) and SENSE– are connected to the supply
and VDD measures the supply voltage at GND with respect
to the device ground. For negative supply voltages of more
than 80V, use external resistors to divide down the voltage to
suit the ADIN measurement range. In the CONTROL register,
• write bits A2=1, A0=1 to select SENSE+ (Default)
• write bits A2=0, A0=1 to select VDD
• write bits A2=1, A0=0 to select ADIN
More details on the CONTROL register can be found in
Table 3.
Once the ADC conversions are complete, a 24-bit power
value is generated by digitally multiplying the 12-bit load
current data with the 12-bit supply voltage data. 1LSB of
power is 1LSB of voltage multiplied by 1LSB of ΔSENSE
(current). The result is held in the three adjacent POWER
registers (Table 2). The POWER registers initialize with
undefined data and subsequently refresh at a frequency
of 7.5Hz in continuous scan mode. In snapshot mode, the
POWER registers are not refreshed.
Supply Undervoltage Lockout
During power-up, the internal I2C logic and the ADC are
enabled when either VDD or INTVCC rises above its under-
voltage lockout threshold. During power-down, the ADC is
disabled when VDD and INTVCC fall below their respective
undervoltage lockout thresholds. The internal I2C logic is
reset when VDD and INTVCC fall below their respective I2C
reset thresholds.
Shutdown Mode
The LTC2945 includes a low quiescent current shutdown
mode, controlled by bit A1 in the CONTROL register
(Table 3). Setting A1 puts the part in shutdown mode,
powering down the ADC and internal reference. The inter-
nal I2C bus remains active, and although the ADR1 and
ADR0 pins are disabled, the device will retain the most
recently programmed I2C bus address. All on-board regis-
ters retain their contents and can be accessed through the
I2C interface. To re-enable ADC conversions, reset bit A1
in the CONTROL register. The analog circuitry will power
up and all registers will retain their contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com