| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2016L100/33 bảng dữ liệu(PDF) 40 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
2016L100/33 bảng dữ liệu(HTML) 40 Page - Littelfuse |
|
40 / 74 page ![]() www.littelfuse.com ©2006 Littelfuse Electronics Designers Guide POLYFUSE® Resettable PTCs Axial Leaded Strap VL Series ThenewVLseriesdeviceprovidesreliable,noncycling protectionagainstoverchargingandshortcircuitsevents forrechargeablebatterycellswhereresettableprotection isdesired. Electrical Characteristics Part Number I hold (A) I trip (A) V max (Vdc) I max (A) P d max. (W) Maximum Time To Trip Resistance Agency Approvals Current (A) Time (Sec.) R min ( Ω) R typ ( Ω) R 1max ( Ω) 12VL170 1.70 4.10 12 100 1.4 8.50 5.00 0.018 0.032 0.064 X X 12VL175L 1.75 4.20 12 100 1.4 8.75 5.00 0.017 0.031 0.062 X X 12VL175XL 1.75 4.20 12 100 1.4 8.75 5.00 0.017 0.031 0.062 X X 12VL230 2.30 5.00 12 100 1.5 10.00 5.00 0.012 0.018 0.036 X X I hold=Holdcurrent:maximumcurrentdevicewillpasswithouttrippingin20°Cstillair. I trip=Tripcurrent:minimumcurrentatwhichthedevicewilltripin20°Cstillair. V max=Maximumvoltagedevicecanwithstandwithoutdamageatratedcurrent(Imax) I max=Maximumfaultcurrentdevicecanwithstandwithoutdamageatratedvoltage(Vmax) P d=Powerdissipatedfromdevicewheninthetrippedstateat20°Cstillair. R min=Minimumresistanceofdeviceininitial(un-soldered)state. R typ=Typicalresistanceofdeviceininitial(un-soldered)state. R 1max=Maximumresistanceofdeviceat20°Cmeasuredonehouraftertrippingorreflow solderingof260°Cfor20sec. Caution:Operationbeyondthespecifiedratingmayresultindamageandpossiblearcing andflame. Description Features Applications •RoHScompliantand lead-free •Weldablenickelterminals •Slim,lowprofiledesign •Compactdesignsaves boardspace •Lowresistance •Rechargeablebatterycell protection Agency Approvals AGENCY AGENCY FILE NUMBER E183209 R50082521 VL Series Specifications are subject to change without notice. |