công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PS12038 bảng dữ liệu(PDF) 2 Page - Powerex Power Semiconductors

tên linh kiện PS12038
Giải thích chi tiết về linh kiện  Intellimod??Module Application Specific IPM (25 Amperes/1200 Volts)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWEREX [Powerex Power Semiconductors]
Trang chủ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS12038 bảng dữ liệu(HTML) 2 Page - Powerex Power Semiconductors

  PS12038 Datasheet HTML 1Page - Powerex Power Semiconductors PS12038 Datasheet HTML 2Page - Powerex Power Semiconductors PS12038 Datasheet HTML 3Page - Powerex Power Semiconductors PS12038 Datasheet HTML 4Page - Powerex Power Semiconductors PS12038 Datasheet HTML 5Page - Powerex Power Semiconductors PS12038 Datasheet HTML 6Page - Powerex Power Semiconductors PS12038 Datasheet HTML 7Page - Powerex Power Semiconductors PS12038 Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PS12038
Intellimod™ Module
Application Specific IPM
25 Amperes/1200 Volts
104
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Absolute Maximum Ratings, Tj = 25°C unless otherwise specified
Characteristics
Symbol
PS12038
Units
Power Device Junction Temperature*
Tj
-20 to 125
°C
Storage Temperature
Tstg
-40 to 125
°C
Case Operating Temperature (See TC Measure Point Illustration)
TC
-20 to 100
°C
Mounting Torque, M3.5 Mounting Screws
—
11.25
in-lb
Module Weight (Typical)
—
137
Grams
Isolation Voltage**
VISO
2500
Volts
*The indicated values are specified considering the safe operation of all the parts within the ASIPM. The maximum rating for the ASIPM power chips (IGBT & FWDi) is Tj < 150.
**60 Hz sinusoidal AC applied between all terminals and the base plate for 1 minute.
IGBT Inverter Sector
Supply Voltage (Applied between P - N)
VCC
900
Volts
Supply Voltage, Surge (Applied between P - N, Surge-Value)
VCC(surge)
1000
Volts
Each IGBT Collector-Emitter Static Voltage (Applied between P-U.V.W, U.V.W-N)
VP or VN
1200
Volts
Each IGBT Collector-Emitter Switching Voltage
VP(S) or VN(S)
1200
Volts
(Applied between P-U.V.W, U.V.W-N (Pulse))
Each IGBT Collector Current, TC = 25°C, “( )” means IC Peak Value
±IC (±ICP)
±25 (±50)
Amperes
Control Sector
Supply Voltage
VD, VDB
-0.5 ~ 20
Volts
Input Signal Voltage
VCIN
-0.5 ~ 7.5
Volts
Fault Output Supply Voltage
VFO
-0.5 ~ 7.5
Volts
Fault Output Current
IFO
15
mA
DC-link IGBT Current Signal Amp Output Current
IAMP
1mA



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com