công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSM6K30FE bảng dữ liệu(PDF) 2 Page - Toshiba Semiconductor

tên linh kiện SSM6K30FE
Giải thích chi tiết về linh kiện  Field Effect Transistor Silicon P Channel MOS Type (?-MOS?? High speed switching DC-DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6K30FE bảng dữ liệu(HTML) 2 Page - Toshiba Semiconductor

  SSM6K30FE Datasheet HTML 1Page - Toshiba Semiconductor SSM6K30FE Datasheet HTML 2Page - Toshiba Semiconductor SSM6K30FE Datasheet HTML 3Page - Toshiba Semiconductor SSM6K30FE Datasheet HTML 4Page - Toshiba Semiconductor SSM6K30FE Datasheet HTML 5Page - Toshiba Semiconductor SSM6K30FE Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SSM6K30FE
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0
⎯
⎯
±1
μA
Drain-Source breakdown voltage
V (BR) DSS
ID = 1 mA, VGS = 0
20
⎯
⎯
V
Drain cut-off current
IDSS
VDS = 20 V, VGS = 0
⎯
⎯
1
μA
Gate threshold voltage
Vth
VDS = 5 V, ID = 0.1 mA
1.1
⎯
2.3
V
Forward transfer admittance
⏐Yfs⏐
VDS = 5 V, ID = 0.6 A
(Note 2)
0.68
⎯
⎯
S
ID = 0.6 A, VGS = 10 V
(Note 2)
⎯
145
210
Drain-Source on-resistance
RDS (ON)
ID = 0.6 A, VGS = 4 V
(Note 2)
⎯
260
420
m
Ω
Input capacitance
Ciss
VDS = 10 V, VGS = 0, f = 1 MHz
⎯
60
⎯
pF
Reverse transfer capacitance
Crss
VDS = 10 V, VGS = 0, f = 1 MHz
⎯
17
⎯
pF
Output capacitance
Coss
VDS = 10 V, VGS = 0, f = 1 MHz
⎯
47
⎯
pF
Turn-on time
ton
⎯
19
⎯
Switching time
Turn-off time
toff
VDD = 10 V, ID = 0.6 A,
VGS = 0~4 V, RG = 10 Ω
⎯
10
⎯
ns
Note 2:Pulse measurement
Switching Time Test Circuit
(a) Test circuit
(b) VIN
Precaution
Vth can be expressed as the voltage between the gate and source when the low operating current value is ID =
0.1mA for this product. For normal switching operation, VGS (on) requires a higher voltage than Vth and VGS (off)
requires a lower voltage than Vth. (The relationship can be established as follows: VGS (off) < Vth < VGS (on).)
Be sure to take this into consideration when using the device.
(c) VOUT
VDD = 10 V
RG = 10Ω
Duty <= 1%
VIN: tr, tf < 5 ns
Common source
Ta
= 25°C
VDD
out
in
4 V
0
10
μs
tf
ton
90%
10%
4 V
0 V
10%
90%
toff
tr
VDD
VDS (ON)



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com