công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C961AVCW bảng dữ liệu(PDF) 81 Page - Advanced Micro Devices

tên linh kiện AM79C961AVCW
Giải thích chi tiết về linh kiện  PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C961AVCW bảng dữ liệu(HTML) 81 Page - Advanced Micro Devices

Back Button AM79C961AVCW Datasheet HTML 77Page - Advanced Micro Devices AM79C961AVCW Datasheet HTML 78Page - Advanced Micro Devices AM79C961AVCW Datasheet HTML 79Page - Advanced Micro Devices AM79C961AVCW Datasheet HTML 80Page - Advanced Micro Devices AM79C961AVCW Datasheet HTML 81Page - Advanced Micro Devices AM79C961AVCW Datasheet HTML 82Page - Advanced Micro Devices AM79C961AVCW Datasheet HTML 83Page - Advanced Micro Devices AM79C961AVCW Datasheet HTML 84Page - Advanced Micro Devices AM79C961AVCW Datasheet HTML 85Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 206 page
background image
Am79C961A
81
MENDEC logic. The LA (unlatched address) pins are
removed and become the GPSI signals, therefore, only
20 bits of address space is available. The table below
shows the GPSI pin configuration:
To invoke the GPSI signals, follow the procedure below:
1. After reset or I/O read of Reset Address, write 10b
to PORTSEL bits in CSR15.
2. Set the ENTST bit in CSR4
3. Set the GPSIEN bit in CSR124 (see note below)
(The pins LA17–LA23 will change function after the
completion of the above three steps.)
4. Clear the ENTST bit in CSR4
5. Clear Media Select bits in ISACSR2
6. Define the PORTSEL bits in the MODE register
(CSR15) to be 10b to define GPSI port. The MODE
register image is in the initialization block.
Note: LA pins will be tristated before writing to GPSIEN bit.
After writing to GPSIEN, LA[17–21] will be inputs, LA[22–23]
will be outputs.
GPSI Pin Configurations
Note:
The GPSI Function is available only in the Bus Master Mode of operation.
GPSI Function
GPSI
I/O Type
LANCE
GPSI Pin
PCnet-ISA II
GPSI Pin
PCnet-ISA II
Pin Number
PCnet-ISA II Normal
Pin Function
Receive Data
I
RX
RXDAT
5
LA17
Receive Clock
I
RCLK
SRDCLK
6
LA18
Receive Carrier Sense
I
RENA
RXCRS
7
LA19
Collision
I
CLSN
CLSN
9
LA20
Transmit Clock
I
TCLK
STDCLK
10
LA21
Transmit Enable
O
TENA
TXEN
11
LA22
Transmit Data
O
TX
TXDAT
12
LA23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com