công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC74HC7240AF bảng dữ liệu(PDF) 1 Page - Toshiba Semiconductor

tên linh kiện TC74HC7240AF
Giải thích chi tiết về linh kiện  Octal Bus Buffer (with schmitt trigger inputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC7240AF bảng dữ liệu(HTML) 1 Page - Toshiba Semiconductor

  TC74HC7240AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC7240AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC7240AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC7240AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC7240AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC7240AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC7240AF Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC74HC7240,7244AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC7240AP,TC74HC7240AF,TC74HC7244AP,TC74HC7244AF
Octal Bus Buffer (with schmitt trigger inputs)
TC74HC7240AP/AF
Inverted, 3-State Outputs
TC74HC7244AP/AF
Non-Inverted, 3-State
Outputs
The TC74HC7240A/7244A are high speed CMOS OCTAL BUS
BUFFERs with silicon gate C2MOS technology.
They achieve the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The TC74HC7240A/7244A have same pin configuration and
function as the TC74HC240A/244A. And they have a hystereis
characterictics with each input, so TC74HC7240A/7244A can be
used as a line receiver, etc.
They have two active low output enables.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 15 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VH = 1.1 V (typ.) at VCC = 5 V
• Output drive capability: 15 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 6 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS240/244
Pin Assignment
TC74HC7240A
TC74HC7244A
TC74HC7240AP, TC74HC7244AP
TC74HC7240AF, TC74HC7244AF
Weight
DIP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)


Số phần tương tự - TC74HC7240AF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC74HC7240AF TOSHIBA-TC74HC7240AF Datasheet
215Kb / 5P
OCTAL BUS BUFFER (WITH SCHMITT TRIGGER INPUTS)
18-Aug-1998
More results

Mô tả tương tự - TC74HC7240AF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC74HC7240AP TOSHIBA-TC74HC7240AP Datasheet
215Kb / 5P
OCTAL BUS BUFFER (WITH SCHMITT TRIGGER INPUTS)
18-Aug-1998
logo
Fairchild Semiconductor
NC7NZ17 FAIRCHILD-NC7NZ17 Datasheet
219Kb / 8P
TinyLogic. UHS Triple Buffer with Schmitt Trigger Inputs
logo
Renesas Technology Corp
HD74LV1GW17A RENESAS-HD74LV1GW17A Datasheet
72Kb / 8P
Dual Buffer with Schmitt Trigger Inputs
logo
Fairchild Semiconductor
NC7NZ17 FAIRCHILD-NC7NZ17_05 Datasheet
211Kb / 8P
TinyLogic UHS Triple Buffer with Schmitt Trigger Inputs
logo
Renesas Technology Corp
HD74LV1GW17A RENESAS-HD74LV1GW17A_06 Datasheet
86Kb / 6P
Dual Buffer with Schmitt Trigger Inputs
logo
Toshiba Semiconductor
TC74VHCV240FK TOSHIBA-TC74VHCV240FK Datasheet
199Kb / 9P
Octal Schmitt Bus Buffer
09-Jul-2010
TC74VHCV540FK TOSHIBA-TC74VHCV540FK Datasheet
201Kb / 9P
Octal Schmitt Bus Buffer
09-Jul-2010
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17_12 Datasheet
379Kb / 9P
TinyLogic짰 UHS Dual Buffer with Schmitt Trigger Inputs
logo
Renesas Technology Corp
HD74LV1GW17A RENESAS-HD74LV1GW17A_15 Datasheet
156Kb / 7P
Dual Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17_V01 Datasheet
409Kb / 12P
TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com