công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LS151 bảng dữ liệu(PDF) 6 Page - Solid State Inc

tên linh kiện 74LS151
Giải thích chi tiết về linh kiện  8-Input Multiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SOLIDSTATE [Solid State Inc]
Trang chủ  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

74LS151 bảng dữ liệu(HTML) 6 Page - Solid State Inc

  74LS151 Datasheet HTML 1Page - Solid State Inc 74LS151 Datasheet HTML 2Page - Solid State Inc 74LS151 Datasheet HTML 3Page - Solid State Inc 74LS151 Datasheet HTML 4Page - Solid State Inc 74LS151 Datasheet HTML 5Page - Solid State Inc 74LS151 Datasheet HTML 6Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SN74LS151
6
PACKAGE DIMENSIONS
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751B–05
ISSUE J
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
18
16
9
SEATING
PLANE
F
J
M
R X 45
_
G
8 PL
P
–B–
–A–
M
0.25 (0.010)
B S
–T–
D
K
C
16 PL
S
B
M
0.25 (0.010)
A S
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.80
10.00
0.386
0.393
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
____
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6