công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC74ACT14F bảng dữ liệu(PDF) 2 Page - Toshiba Semiconductor

tên linh kiện TC74ACT14F
Giải thích chi tiết về linh kiện  CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT14F bảng dữ liệu(HTML) 2 Page - Toshiba Semiconductor

  TC74ACT14F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT14F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT14F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT14F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT14F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT14F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT14F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT14F_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TC74ACT14P/F/FN/FT
2007-10-01
2
Pin Assignment
IEC Logic Symbol
Truth Table
A
Y
L
H
H
L
System Diagram, Waveform
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to VCC + 0.5
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±50
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±150
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP/TSSOP)
mW
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta = −40°C to 65°C. From Ta = 65°C to 85°C a derating factor of −10 mW/°C
should be applied up to 300 mW.
1A
2A
3A
4A
5A
6A
(1)
(3)
(5)
(9)
(11)
(13)
1Y
2Y
3Y
4Y
5Y
6Y
(2)
(4)
(6)
(8)
(10)
(12)
VCC
9
6A
6Y
5A
8
14
13
12
11
10
1A
1
2
3
4
5
6
7
2Y
3A
3Y
GND
5Y
4A
4Y
(top view)
1Y
2A
VN
VH
Y
VP
A
VIN (A)
VOUT (Y)



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com