công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TC74AC367FN bảng dữ liệu(PDF) 1 Page - Toshiba Semiconductor

tên linh kiện TC74AC367FN
Giải thích chi tiết về linh kiện  CMOS Digital Integrated Circuit Silicon Monolithic Hex Bus Buffer (3-state)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC367FN bảng dữ liệu(HTML) 1 Page - Toshiba Semiconductor

  TC74AC367FN Datasheet HTML 1Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 2Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 3Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 4Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 5Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 6Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 7Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 8Page - Toshiba Semiconductor TC74AC367FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74AC367P/F/FN/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC367P,TC74AC367F,TC74AC367FN,TC74AC367FT
Hex Bus Buffer (3-state)
The TC74AC367 is an advanced high speed CMOS HEX BUS
BUFFERs fabricated with silicon gate and double-layer metal
wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
It contains six buffers; four buffers are controlled by an enable
input ( 1
G ), and the other two buffers are controlled by another
enable input ( 2
G ). The outputs of each buffer group are enabled
when
1
G
and/or
2
G
inputs are held low; if held high, these
outputs are in a high impedance state.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 3.7 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74F367
Note:
xxxFN (JEDEC SOP) is not available in
Japan.
TC74AC367P
TC74AC367F
TC74AC367FN
TC74AC367FT
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)


Số phần tương tự - TC74AC367FN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC74AC367P TOSHIBA-TC74AC367P Datasheet
261Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
17-May-2001
More results

Mô tả tương tự - TC74AC367FN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KEC(Korea Electronics)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WG125FC TOSHIBA-TC7WG125FC Datasheet
195Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG125FU TOSHIBA-TC7WG125FU Datasheet
215Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG126FC TOSHIBA-TC7WG126FC Datasheet
195Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG126FU TOSHIBA-TC7WG126FU Datasheet
215Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC74ACT240P TOSHIBA-TC74ACT240P_07 Datasheet
233Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74HC540AP TOSHIBA-TC74HC540AP_07 Datasheet
278Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
logo
KEC(Korea Electronics)
KIC7SZ125FU KEC-KIC7SZ125FU Datasheet
83Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT BUS BUFFER, 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com