| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC7SP97TU bảng dữ liệu(PDF) 3 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC7SP97TU bảng dữ liệu(HTML) 3 Page - Toshiba Semiconductor |
|
3 / 10 page ![]() TC7SP97,98TU 2007-10-19 3 Logic configrations(1/2) Function Input Condition TC7SP97 Logic symbol TC7SP98 Logic symbol FUNCTION TABLE SP97 AND SP98 NAND A=INPUT B=L-Level C=INPUT Y=OUTPUT Y A B C 97 98 L L L L H L L H L H H L L L H H L H H L SP97 OR SP98 NOR A=H-Level B=INPUT C=INPUT Y=OUTPUT Y A B C 97 98 H L L L H H L H H L H H L H L H H H H L SP97 Schmitt INV+NOR or Schmitt INV+AND SP98 Schmitt INV+OR or Schmitt INV+NAND A=L-Level B=INPUT C=INPUT Y=OUTPUT OR OR Y A B C 97 98 L L L L H L L H L H L H L H L L H H L H SP97 Schmitt INV+NAND or Schmitt INV+OR SP98 Schmitt INV+AND or Schmitt INV+NOR A=INPUT B=H-Level C=INPUT Y=OUTPUT OR OR Y A B C 97 98 L H L H L L H H L H H H L H L H H H H L SP97 2 to 1 Selector SP98 2 to 1 Selector+INV A=INPUT B=INPUT C=Select Y=OUTPUT Y A B C 97 98 L L L L H L H L H L H L L L H H H L H L L L H L H L H H L H H L H H L H H H H L C A B Y C A B Y A C Y A C Y A C Y A C Y B C Y B C Y B C Y B C Y B C Y B C Y A C Y A C Y |