| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT2316-AE3-R bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT2316-AE3-R bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT2316 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2007 Unisonic Technologies Co., Ltd QW-R502-126.A N-CHANNEL ENHANCEMENT MODE DESCRIPTION The UTC UT2316L is N-channel enhancement mode Power MOSFET, designed in serried ranks with fast switching speed, low on-resistance, favorable stabilization. Used in commercial and industrial surface mount applications and suited for low voltage applications such as DC/DC converters. SYMBOL 2.Gate 1.Source 3.Drain *Pb-free plating product number: UT2316L ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Plating Package 1 2 3 Packing UT2316-AE3-R UT2316L-AE3-R SOT-23 S G D Tape Reel MARKING |
Số phần tương tự - UT2316-AE3-R |
|
Mô tả tương tự - UT2316-AE3-R |