| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD4306 bảng dữ liệu(PDF) 1 Page - Powerex Power Semiconductors |
|
|
|||||||||||||||||||||||||||||
PD4306 bảng dữ liệu(HTML) 1 Page - Powerex Power Semiconductors |
|
1 / 5 page ![]() PRELIMINARY Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 POW-R-BLOK TM Dual SCR Isolated Module 600 Amperes / Up to 2400 Volts Description: Powerex Dual SCR Modules are designed for use in applications requiring phase control and isolated packaging. The modules are isolated for easy mounting with other components on a common heatsink. Features: T Electrically Isolated Heatsinking T Compression Bonded Elements T Metal Baseplate T Low Thermal Impedance for Improved Current Capability Benefits: T No Additional Insulation Components Required T Easy Installation T No Clamping Components Required T Reduce Engineering Time Applications: T Bridge Circuits T AC & DC Motor Drives T Motor Soft Starters T Battery Supplies T Power Supplies T Large IGBT Circuit Front Ends 10/04/2002 PD43__06 Ordering Information : Select the complete eight-digit module part number from the table below. Example: PD432406 is a 2400 Volt, 600A Average Dual SCR Isolated POW-R-BLOK TM Module Type Voltage Volts (x100) Current Amperes (x100) PD43 20 22 24 06 |
Số phần tương tự - PD4306 |
|
Mô tả tương tự - PD4306 |