| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD4111 bảng dữ liệu(PDF) 1 Page - Powerex Power Semiconductors |
|
|
|||||||||||||||||||||||||||||
PD4111 bảng dữ liệu(HTML) 1 Page - Powerex Power Semiconductors |
|
1 / 5 page ![]() PRELIMINARY Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 POW-R-BLOK TM Dual Diode Isolated Module 1100 Amperes / Up to 2400 Volts Description: Powerex Dual Diode Modules are designed for use in applications requiring rectification and isolated packaging. The modules are isolated for easy mounting with other components on a common heatsink. Features: T Electrically Isolated Heatsinking T Compression Bonded Elements T Metal Baseplate T Low Thermal Impedance for Improved Current Capability Benefits: T No Additional Insulation Components Required T Easy Installation T No Clamping Components Required T Reduce Engineering Time Applications: T Bridge Circuits T AC & DC Motor Drives T Battery Supplies T Power Supplies T Large IGBT Circuit Front Ends 11/06/2002 PD41__11 Ordering Information : Select the complete eight-digit module part number from the table below. Example: PD412411 is a 2400 Volt, 1100A Average Dual Diode Isolated POW-R-BLOK TM Module Type Voltage Volts (x100) Current Amperes (x100) PD41 18 20 22 24 11 |
Số phần tương tự - PD4111 |
|
Mô tả tương tự - PD4111 |