| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP4056B5F bảng dữ liệu(PDF) 2 Page - Lowpower Semiconductor inc |
|
|
|||||||||||||||||||||||||||||
LP4056B5F bảng dữ liệu(HTML) 2 Page - Lowpower Semiconductor inc |
|
2 / 7 page ![]() LP4056-02 Aug.-2017 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 2 of 7 Preliminary Datasheet LP4056 Functional Pin Description Package Type Pin Configurations ESOP8 4 3 2 1 5 6 7 8 STAT2 VIN NC GND BAT STAT1 NC ISET GND 9 Pin Name Description 1、8 NC No Connector. 2 ISET Charge Current Program and Charge Current Monitor Pin. The charge current is programmed by connecting a 1% resistor, RISET, to ground. When charging in constant-current mode, this pin servos to 1V. In all modes, the voltage on this pin can be used to measure the charge current using the following formula: IBAT=1000/RISET 3、9 GND Ground. 4 VIN Positive Input Supply Voltage. 5 BAT Charge Current Output. Provides charge current to the battery and regulates the final float voltage to 4.2V. An internal precision resistor divider from this pin sets the float voltage. 6 STAT2 Open-Drain Charge Status Output. When the battery is charging, the STAT2 pin could be pulled High by an external pull high resistor. When the charge cycle is completed, the pin is pulled Low by an internal N-channel MOSFET. 7 STAT1 Open-Drain Charge Status Output. When the battery is charging, the STAT1 pin is pulled low by an internal N-channel MOSFET. When the charge cycle is completed, the pin could be pulled High by an external pull high resistor. |