công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ND430821 bảng dữ liệu(PDF) 3 Page - Powerex Power Semiconductors

tên linh kiện ND430821
Giải thích chi tiết về linh kiện  POW-R-BLOK Dual SCR Isolated Module (210 Amperes / Up to 2000 Volts)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWEREX [Powerex Power Semiconductors]
Trang chủ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

ND430821 bảng dữ liệu(HTML) 3 Page - Powerex Power Semiconductors

  ND430821 Datasheet HTML 1Page - Powerex Power Semiconductors ND430821 Datasheet HTML 2Page - Powerex Power Semiconductors ND430821 Datasheet HTML 3Page - Powerex Power Semiconductors ND430821 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
210 Amperes / Up to 2000 Volts
Revision Date: 11/1/2001
ND43__21
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Forward Leakage Current
IDRM
Up to 2000V, TJ=130°C
50
mA
Repetitive Peak Reverse Leakage Current
IRRM
Up to 2000V, TJ=130°C
50
mA
Peak On-State Voltage
VFM
ITM=625A
1.40
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 130°C, I = 15%IT(AV) to πIT(AV)
0.813
0.810
V
mΩ
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 130°C, I = πIT(AV) to ITSM
0.947
0.641
V
mΩ
VTM Coefficients, Full Range
TJ = 130°C, I = 15%IT(AV) to ITSM
VTM = A+ B Ln I +C I + D Sqrt I
A =
B =
C =
D =
0.7324
9.80 E-3
5.83 E-4
6.02 E-3
Minimum dV/dt
dV/dt
Exponential to 2/3 VDRM
Tj=130°C, Gate Open
500
V/µs
Turn-On Time (Typical)
ton
ITM = 100A, VD = 100V
7
(Typical)
µs
Turn-Off Time (Typical)
t off
TJ = 130°C, IT= 250A
Re-Applied dV/dt = 20V/µs
Linear to 0.8 VDRM
150
(Typical)
µs
Gate Trigger Current
IGT
Tj=25°C, VD=12V
150
mA
Gate Trigger Voltage
VGT
Tj=25°C, VD=12V
3.0
Volts
Non-Triggering Gate Voltage
VGDM
Tj=130°C, VD= ½ VDRM
0.15
Volts
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
RΘJ-C
Per Module, both conducting
Per Junction both conducting
0.07
0.14
°C/W
°C/W
Thermal Impedance Coefficients
ZΘJ-C
ZΘJ-C= K1 (1-exp(-t/
τ1))
+ K2 (1-exp(-t/
τ2))
+ K3 (1-exp(-t/
τ3))
+ K4 (1-exp(-t/
τ4))
K1 = 5.27E-3
K2 = 1.17E-2
K3 = 5.26E-2
K4 = 6.97E-2
τ1 = 1.69E-4
τ2 = 2.07E-2
τ3 = 2.37E-1
τ4 = 2.46
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.03
°C/W



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com