công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HU1A331LS bảng dữ liệu(PDF) 1 Page - DB Lectro Inc

tên linh kiện HU1A331LS
Giải thích chi tiết về linh kiện  CHIP TYPE, MID-TO-HIGH VOLTAGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DBLECTRO [DB Lectro Inc]
Trang chủ  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HU1A331LS bảng dữ liệu(HTML) 1 Page - DB Lectro Inc

  HU1A331LS Datasheet HTML 1Page - DB Lectro Inc HU1A331LS Datasheet HTML 2Page - DB Lectro Inc HU1A331LS Datasheet HTML 3Page - DB Lectro Inc HU1A331LS Datasheet HTML 4Page - DB Lectro Inc HU1A331LS Datasheet HTML 5Page - DB Lectro Inc HU1A331LS Datasheet HTML 6Page - DB Lectro Inc HU1A331LS Datasheet HTML 7Page - DB Lectro Inc HU1A331LS Datasheet HTML 8Page - DB Lectro Inc HU1A331LS Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HU Series
CHIP TYPE, MID-TO-HIGH VOLTAGE
Load life of 5000 hours with temperature up to +105 C
Comply with the RoHS directive (2002/95/EC)
SPECIFICATIONS
Item
Characteristics
Operation Temperature Range
-40 ~ +105°C
Rated Working Voltage
160 ~ 450V
Capacitance Tolerance
±20% at 120Hz, 20°C
I
0.04CV + 100 ( A) whichever is greater (after 2 minutes)
Leakage Current
I: Leakage current ( A)
C: Normal Capacitance ( F)
V: Rated Voltage (V)
Measurement frequency: 120Hz, Temperature: 20°C
Rate voltage (V)
160
200
250
400
450
tan
(max.)
0.15
0.15
0.15
0.20
0.20
Dissipation Factor
Rated voltage (V)
160
200
250
400
450
Z(-25°C) / Z(20°C)
33366
Impedance ratio
ZT/Z20 (max)
Z(-40°C) / Z(20°C)
6
6
6
10
10
Low Temperature Characteristics
(Impedance radio at 120Hz)
Capacitance Change
Within 20% of initial value
Dissipation Factor
200% or less of initial specified value
Leakage Current
initial specified value or less
Load Life
(After 5000 hours application of the
rated voltage at 105°C)
After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at
room temperature, they meet the characteristics requirements list as bellow.
Capacitance Change
Within 10% of initial value
Dissipation Factor
initial specified value or less
Leakage Current
initial specified value or less
Resistance to Soldering Heat
Reference Standard
JIS C-5141 and JIS C-5102
DRAWING (Unit: mm)
DIMENSIONS (Unit: mm)
D x L
12.5 x 13.5
12.5 x 16
16 x 16.5
16 x 21.5
A
4.7
4.7
5.5
5.5
B
13.0
13.0
17.0
17.0
C
13.0
13.0
17.0
17.0
E 0.2
4.6
4.6
6.7
6.7
L
13.5
16.0
16.5
21.5
[Safety vent for product where diameter is more than 12.5mm]


Số phần tương tự - HU1A331LS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
HU10 ETC-HU10 Datasheet
258Kb / 2P
HUMIDITY SENSORS
logo
Microsemi Corporation
HU100 MICROSEMI-HU100 Datasheet
215Kb / 4P
Ultrafast Recovery Modules
HU10005 MICROSEMI-HU10005 Datasheet
213Kb / 4P
Ultrafast Recovery Modules
HU10010 MICROSEMI-HU10010 Datasheet
213Kb / 4P
Ultrafast Recovery Modules
HU10015 MICROSEMI-HU10015 Datasheet
213Kb / 4P
Ultrafast Recovery Modules
More results

Mô tả tương tự - HU1A331LS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TDK Electronics
CGJ3E2X7R2A103K080AA TDK-CGJ3E2X7R2A103K080AA Datasheet
138Kb / 1P
High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A152K080AA TDK-CGJ3E2X7R2A152K080AA Datasheet
138Kb / 1P
High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A222K080AA TDK-CGJ3E2X7R2A222K080AA Datasheet
138Kb / 1P
High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A472K080AA TDK-CGJ3E2X7R2A472K080AA Datasheet
139Kb / 1P
High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D121J080AA TDK-CGJ3E3C0G2D121J080AA Datasheet
130Kb / 1P
High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D151J080AA TDK-CGJ3E3C0G2D151J080AA Datasheet
130Kb / 1P
High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D181J080AA TDK-CGJ3E3C0G2D181J080AA Datasheet
130Kb / 1P
High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D331J080AA TDK-CGJ3E3C0G2D331J080AA Datasheet
131Kb / 1P
High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D471J080AA TDK-CGJ3E3C0G2D471J080AA Datasheet
131Kb / 1P
High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D681J080AA TDK-CGJ3E3C0G2D681J080AA Datasheet
131Kb / 1P
High Reliability Grade ( Mid Voltage (100 to 630V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com