công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSM3J01F bảng dữ liệu(PDF) 1 Page - Toshiba Semiconductor

tên linh kiện SSM3J01F
Giải thích chi tiết về linh kiện  Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J01F bảng dữ liệu(HTML) 1 Page - Toshiba Semiconductor

  SSM3J01F Datasheet HTML 1Page - Toshiba Semiconductor SSM3J01F Datasheet HTML 2Page - Toshiba Semiconductor SSM3J01F Datasheet HTML 3Page - Toshiba Semiconductor SSM3J01F Datasheet HTML 4Page - Toshiba Semiconductor SSM3J01F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3J01F
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J01F
High Speed Switching Applications
• Small package
• Low on resistance : Ron = 0.4 Ω (max) (VGS = −4 V)
: Ron = 0.6 Ω (max) (VGS = −2.5 V)
• Low gate threshold voltage
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDS
−30
V
Gate-source voltage
VGSS
±10
V
DC
ID
−700
Drain current
Pulse
IDP
−1400
mA
Drain power dissipation (Ta
= 25°C)
PD
200
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Marking
Equivalent Circuit
Handling Precaution
When handling individual devices (which are not yet mounting on a circuit board), be sure that the environment
is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other
objects that come into direct contact with devices should be made of anti-static materials.
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1F
Weight: 0.012 g (typ.)


Số phần tương tự - SSM3J01F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
VBsemi Electronics Co.,...
SSM3J01F VBSEMI-SSM3J01F Datasheet
490Kb / 9P
P-Channel 30 V (D-S) MOSFET
More results

Mô tả tương tự - SSM3J01F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
SSM3J15FU TOSHIBA-SSM3J15FU Datasheet
221Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15TE TOSHIBA-SSM3J15TE Datasheet
184Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J108TU TOSHIBA-SSM3J108TU Datasheet
143Kb / 5P
Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications
SSM3J110TU TOSHIBA-SSM3J110TU Datasheet
143Kb / 5P
Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications
SSM3J111TU TOSHIBA-SSM3J111TU Datasheet
476Kb / 5P
Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications
SSM3J112TU TOSHIBA-SSM3J112TU Datasheet
131Kb / 6P
Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications
SSM3J113TU TOSHIBA-SSM3J113TU Datasheet
128Kb / 6P
Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications
SSM3J117TU TOSHIBA-SSM3J117TU Datasheet
132Kb / 5P
Field-Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications
SSM3J118TU TOSHIBA-SSM3J118TU Datasheet
131Kb / 5P
Field-Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications
SSM3J305T TOSHIBA-SSM3J305T Datasheet
168Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com