| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC2D221MT bảng dữ liệu(PDF) 1 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
SC2D221MT bảng dữ liệu(HTML) 1 Page - DB Lectro Inc |
|
1 / 13 page ![]() SC Series CHIP TYPE, LOW LEAKAGE CURRENT Low leakage current (0.5 A to 2.0 A max.) Low cost for replacement of many tantalum applications Comply with the RoHS directive (2002/95/EC) SPECIFICATIONS Item Characteristics Operation Temperature Range -40 ~ +85°C Rated Working Voltage 6.3 ~ 50V Capacitance Tolerance ±20% at 120Hz, 20°C I 0.002CV or 0.5 A whichever is greater (after 2 minutes) Leakage Current I: Leakage current ( A) C: Normal Capacitance ( F) V: Rated Voltage (V) Measurement frequency: 120Hz, Temperature: 20°C Rate voltage (V) 6.3 10 16 25 35 50 Surge voltage (V) 8.0 13 20 32 44 63 tan (max.) 0.24 0.20 0.16 0.14 0.12 0.10 Dissipation Factor Rated voltage (V) 6.3 10 16 25 35 50 Z(-25°C) / Z(20°C) 4 32222 Impedance ratio ZT/Z20 (max) Z(-40°C) / Z(20°C) 8 64433 Low Temperature Characteristics (Impedance radio at 120Hz) Capacitance Change Within 20% of initial value Dissipation Factor 200% or less of initial specified value Leakage Current initial specified value or less Load Life (After 2000 hours application of the rated voltage at 85°C) After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at room temperature, they meet the characteristics requirements list as bellow. Capacitance Change Within 10% of initial value Dissipation Factor initial specified value or less Leakage Current initial specified value or less Resistance to Soldering Heat Reference Standard JIS C-5141 and JIS C-5102 DRAWING (Unit: mm) Negative 0.5~0.8 Plastic platefom 0.3max. Positive C 0.2 L +0.1 -0.2 DIMENSIONS (Unit: mm) D x L 4 x 5.4 5 x 5.4 6.3 x 5.4 A 1.8 2.1 2.4 B 4.3 5.3 6.6 C 4.3 5.3 6.6 E 1.0 1.3 2.2 L 5.4 5.4 5.4 DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |
Số phần tương tự - SC2D221MT |
|
Mô tả tương tự - SC2D221MT |