| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP86CS49UG bảng dữ liệu(PDF) 25 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86CS49UG bảng dữ liệu(HTML) 25 Page - Toshiba Semiconductor |
|
25 / 252 page ![]() Page 11 TMP86CS49UG Figure 2-3 Examples of Resonator Connection Note:The function to monitor the basic clock directly at external is not provided for hardware, however, with dis- abling all interrupts and watchdog timers, the oscillation frequency can be adjusted by monitoring the pulse which the fixed frequency is outputted to the port by the program. The system to require the adjustment of the oscillation frequency should create the program for the adjust- ment in advance. XOUT XIN (Open) XOUT XIN XTOUT XTIN (Open) XTOUT XTIN (a) Crystal/Ceramic resonator (b) External oscillator (c) Crystal (d) External oscillator High-frequency clock Low-frequency clock |