công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS49FG bảng dữ liệu(PDF) 190 Page - Toshiba Semiconductor

tên linh kiện TMP86CS49FG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49FG bảng dữ liệu(HTML) 190 Page - Toshiba Semiconductor

Back Button TMP86CS49FG Datasheet HTML 186Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 187Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 188Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 189Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 190Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 191Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 192Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 193Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 194Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 252 page
background image
Page 176
14. Synchronous Serial Interface (SIO1)
14.3 Function
TMP86CS49FG
Figure 14-16 Example of Transmit/Receive (Receive) Error Processing
Note: If receive error is not corrected, an interrupt request does not generate after the error
occurs.
Figure 14-17 Hold Time of the End of Transmit/Receive Mode
Writing transmit
data C
Writing transmit
data B
Writing transmit
data A
Unknown
C
B
A7 A6
A
A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1 B0 C7 C6 C5 C4 C3
D7 D6 D5 D4 D3 D2 D1 D0 E7 E6 E5 E4 E3 E2 E1 E0 F7 F6 F5 F4 F3 F2 F1 F0
Start shift
operation
Start shift
operation
Start shift
operation
Reading received
data E
Reading received
data D
OOH
E
D
SIO1CR<SIOS>
SIO1SR<SIOF>
SIO1SR<SEF>
SCK1
pin output
SO1 pin
SI1 pin
INTSIO1
interrupt
request
SIO1SR<TXF>
SIO1SR<RXF>
SIO1RDB
SIO1TDB
SIO1CR<SIOINH>
SIO1SR<RXERR>
4/fc
8/fc
tSODH
tSODH
<
<
SCK1
pin
SIO1SR<SIOF>
SO1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More