công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMP86CS49FG bảng dữ liệu(PDF) 99 Page - Toshiba Semiconductor

tên linh kiện TMP86CS49FG
Giải thích chi tiết về linh kiện  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49FG bảng dữ liệu(HTML) 99 Page - Toshiba Semiconductor

Back Button TMP86CS49FG Datasheet HTML 95Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 96Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 97Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 98Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 99Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 100Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 101Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 102Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 103Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 252 page
background image
Page 85
TMP86CS49FG
8.3.4 Window Mode
In the window mode, the up-counter counts up at the rising edge of the pulse that is logical ANDed product
of the input pulse to the TC1 pin (window pulse) and the internal source clock. Either the positive logic (count
up during high-going pulse) or negative logic (count up during low-going pulse) can be selected.
When a match between the up-counter and the TC1DRA value is detected, an INTTC1 interrupt is generated
and the up-counter is cleared.
Define the window pulse to the frequency which is sufficiently lower than the internal source clock pro-
grammed with TC1CR<TC1CK>.
Figure 8-5 Window Mode Timing Chart
Match detect
TC1DRA
INTTC1
interrput request
interrput request
Internal clock
Counter
TC1DRA
TC1 pin input
Internal clock
Counter
TC1 pin input
INTTC1
(a) Positive logic (TC1S = 10)
(b) Negative logic (TC1S = 11)
?
?
Match detect
1
0
7
47
5
46
31
2
1
0
7
5
3
6
2
0
2
3
Counter clear
Timer start
89
0
1
9
Timer start
Counter
clear
Count start
Count stop
Count start
Count start
Count stop
Count start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com