công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLV bảng dữ liệu(PDF) 2 Page - YAGEO Corporation

tên linh kiện MLV
Giải thích chi tiết về linh kiện  Multi-Layer Chip Varistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAGEO [YAGEO Corporation]
Trang chủ  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MLV bảng dữ liệu(HTML) 2 Page - YAGEO Corporation

  MLV Datasheet HTML 1Page - YAGEO Corporation MLV Datasheet HTML 2Page - YAGEO Corporation MLV Datasheet HTML 3Page - YAGEO Corporation MLV Datasheet HTML 4Page - YAGEO Corporation MLV Datasheet HTML 5Page - YAGEO Corporation MLV Datasheet HTML 6Page - YAGEO Corporation MLV Datasheet HTML 7Page - YAGEO Corporation MLV Datasheet HTML 8Page - YAGEO Corporation MLV Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DESCRIPTION
Yageo Multilayer Chip Varistors (MLV) are designed to protect sensitive electronics
devices against high voltage transient surges in the low voltage region. They offer excellent
transient energy absorption due to improved energy volume distribution and power dissipation.
The wide operating voltage and energy range make them suitable for numerous applications
on Vcc protection, I/O protection, Keyboard protection, LCD protection and Sensor
protection…etc.
FEATURES
1. Excellent clamping voltage
2. Excellent energy dissipation capability
3. Quick response time (<1n sec.)
4. Adjustable capacitance values
5. High reliability
6. High transient current capability
7. Symmetrical Voltage-Current characteristics
APPLICATIONS
Major application areas for Yageo's Phycomp-branded Multilayer Chip Varistors (MLV)
series include:
•
Consumer electronic equipment
•
Telecommunications
•
Notebook



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12