| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KZ2D330MS bảng dữ liệu(PDF) 1 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
KZ2D330MS bảng dữ liệu(HTML) 1 Page - DB Lectro Inc |
|
1 / 13 page ![]() KZ Series SPECIFICATIONS Characteristics Operation Temperature Range -55 ~ +105°C Rated Working Voltage 6.3 ~ 50V Capacitance Tolerance ±20% at 120Hz, 20°C I 0.01CV or 3 A whichever is greater (after 2 minutes) Leakage Current I: Leakage current ( A) C: Normal capacitance ( F) V: Rated voltage (V) Measurement frequency: 120Hz, Temperature: 20°C WV 6.3 10162535 50 tan 0.22 0.20 0.16 0.14 0.12 0.12 Dissipation Factor max. Rated voltage (V) 6.3 10 16 25 35 50 Z(-25°C) / Z(20°C) 3 22222 Impedance ratio ZT/Z20 (max.) Z(-40°C) / Z(20°C) 5 44333 Capacitance Change Within 25% of initial value Dissipation Factor 200% or less of initial specified value Leakage Current Initial specified value or less Shelf Life (at 105°C) After leaving capacitors under no load at 105°C for 1000 hours, they meet the specified value for load life characteristics listed above. Capacitance Change Within 10% of initial value Dissipation Factor Initial specified value or less Leakage Current Initial specified value or less Resistance to Soldering Heat Reference Standard JIS C-5141 and JIS C-5102 Negative 0.5~0.8 0.3max. Positive C 0.2 L +0.1 -0.2 *L 0.3 (Applicable to 6.3 x 7.7) DRAWING (Unit: mm) DIMENSIONS (Unit: mm) D x L 4 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 7.7 8 x 10.5 10 x 10.5 A 1.8 2.1 2.4 2.4 2.9 3.2 B 4.3 5.3 6.6 6.6 8.3 10.3 C 4.3 5.3 6.6 6.6 8.3 10.3 E 1.0 1.3 2.2 2.2 3.1 4.5 L 5.4 5.4 5.4 7.7 10.5 10.5 ( 4 ∼ 6.3) Plastic platform Negative 0.8 ~ 1.1 Plastic platform 0.3max. Positive C 0.2 L 0.5 ( 8, 10) Low Temperature Characteristics (Measurement frequency: 120Hz) *Voltage mark for 6.3V is [6V] CHIP TYPE, EXTRA LOW IMPEDANCE Extra low impedance, temperature range up to +105 C Impedance 40 ~ 60% less than LZ series Items Load Life (After 2000 hours (1000 hours for 4, 5, 6.3x5.4) application of the rated voltage at 105°C, capacitors meet the characteristics requirements listed.) Comply with the RoHS directive (2002/95/EC) After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at room temperature, they meet the characteristics requirements listed as below. DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |
Số phần tương tự - KZ2D330MS |
|
Mô tả tương tự - KZ2D330MS |