công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT90THLAEDC48VC bảng dữ liệu(PDF) 3 Page - DB Lectro Inc

tên linh kiện NT90THLAEDC48VC
Giải thích chi tiết về linh kiện  Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DBLECTRO [DB Lectro Inc]
Trang chủ  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT90THLAEDC48VC bảng dữ liệu(HTML) 3 Page - DB Lectro Inc

  NT90THLAEDC48VC Datasheet HTML 1Page - DB Lectro Inc NT90THLAEDC48VC Datasheet HTML 2Page - DB Lectro Inc NT90THLAEDC48VC Datasheet HTML 3Page - DB Lectro Inc NT90THLAEDC48VC Datasheet HTML 4Page - DB Lectro Inc NT90THLAEDC48VC Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5.4
8
32.4
0.75
2-0.8
1.5
3-6.4
0.8
2-? 0.8
1.2X1.2
Dash
numbers
Coil voltage
V
Coil
resistance
10%
Pick up
voltage
VDC(max)
(75% of
rated
voltage)
Release
voltage
VDC(min)
(10% of
rated
voltage)
Coil
power
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 1500V
Item 6 of IEC255-5
Between contact and coil
50Hz 2500V
Item 6 of IEC255-5
2
Shock resistance
200m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1&Ua2
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-55~100
-55~125
Relative Humidity
85% (at 40
)
IEC68-2-3 Test Ca
Mass
31g
Low profile type
35g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Coil Parameter
DC Coil Parameter
0.9
15
10
0.6
15
10
003-900
3
3.9
10
2.25
0.3
005-900
5
6.5
28
3.75
0.5
006-900
6
7.8
40
4.50
0.6
009-900
9
11.7
90
6.75
0.9
012-900
12
15.6
160
9.00
1.2
015-900
15
19.5
250
10.25
1.5
018-900
18
23.4
360
13.50
1.8
024-900
24
31.2
640
18.00
2.4
048-900
48
62.4
2560
36.00
4.8
110-900
110
143
13445
82.50
11.0
003-600
3
3.9
15
2.25
0.3
005-600
5
6.5
42
3.75
0.5
006-600
6
7.8
60
4.50
0.6
009-600
9
11.7
135
6.75
0.9
012-600
12
15.6
240
9.00
1.2
015-600
15
19.5
375
10.25
1.5
018-600
18
23.4
540
13.50
1.8
024-600
24
31.2
960
18.00
2.4
048-600
48
62.4
3840
36.00
4.8
110-600
110
143
20167
82.50
11.0
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
122
NT90T (T91)
NT90T
Wiring diagram(Bottom view)
Mounting (Bottom view)
NT90T
NC
NC
COM
mm /inch
1.275max.
0.315
0.029
0.213
0.047
0.047
0.031
0.059
0.252
0.031
0.031
0.213
0.029
1.275Max.
0.315
0.031
0.059
0.031
0.047
0.047
32.4
3-0.8
6
7.7
12.3
1.275max.
0.031
0.484
0.303
32.4
3-0.8
NT90T
2
Dimensions
NT90T
2
COM
NO
NC
Wiring diagram(Top view)
0.031
1.275max.
0.606
0.303
0.083
0.043
0.1
Max.
Max.
Max.
Ningbo Forward Relay Corporation LTD.
32.4Max.
8
5.4
0.75
2- 0.8
1.2
1.2
2-0.8
1.5
NHG RELAYS



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com