| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KL2C2R2LT bảng dữ liệu(PDF) 5 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
KL2C2R2LT bảng dữ liệu(HTML) 5 Page - DB Lectro Inc |
|
5 / 13 page ![]() SERIES TABLE Chip Type Aluminum Electrolytic Capacitors Applications Series Features Capacitance ( F) Rate Voltage (V.D.C.) Operating Temperature (°C) Load Life (Hours) Capacitance Tolerance (%) CS Standard size 0.1 ~ 1500 4 ~ 100 -40 ~ +85 2000 20 Standard CK Standard size, wide temperature range 0.1 ~ 1500 4 ~ 50 -55 ~ +105 2000 20 Low Leakage SC Low leakage current 0.1 ~ 100 6.3 ~ 50 -40 ~ +85 1000 20 CN Non-polarized 0.1 ~ 100 6.3 ~ 50 -40 ~ +85 1000 20 Non-polarized KP Non-polarized, wide temperature range 0.1 ~ 47 6.3 ~ 50 -55 ~ +105 1000 20 LZ Low impedance 1 ~ 1500 6.3 ~ 50 -55 ~ +105 2000 20 Low Impedance KZ Extra low impedance 4.7 ~ 1500 6.3 ~ 50 -55 ~ +105 2000 20 FZ Long life, extra low impedance 4.7 ~ 1500 6.3 ~ 35 -55 ~ +105 3000 20 EL Long life assurance 0.1 ~ 1500 6.3 ~ 50 -55 ~ +105 3000 20 Long Life KL 5000 hours load life 0.1 ~ 4700 6.3 ~ 100 -40 ~ +105 5000 20 High Reliability KH High reliability 10 ~ 330 10 ~ 50 -40 ~ +125 2000 20 High Voltage HU Mid-to-high voltage 3.3 ~ 68 -40 ~ +105 5000 20 Current 160 ~ 450 DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |