| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LED-WS2812B-2020 bảng dữ liệu(PDF) 4 Page - AG Electronica |
|
|
|||||||||||||||||||||||||||||
LED-WS2812B-2020 bảng dữ liệu(HTML) 4 Page - AG Electronica |
|
4 / 8 page ![]() Data Transfer Time T0H 0 code, high voltage time 220ns~380ns T1H 1 code, high voltage time 580ns~1µs T0L 0 code, low voltage time 580ns~1µs T1L 1 code, low voltage time 580ns~1µs RES Frame unit, low voltage time >280µs Sequence Chart Cascade Method DIN DO PIX1 D1 D2 DIN DO PIX2 D3 D4 DIN DO PIX3 Data Transmission Method G7 G6 G5 G4 G3 G2 G1 G0 R7 R6 R5 R4 R3 R2 R1 R0 B7 B6 B5 B4 B3 B2 B1 B0 Note: The data of D1 is send by MCU, and D2, D3, D4 through pixel internal reshaping amplification to transmit. Composition of 24bit Data Note: Data transmit in order of GRB, high bit data at first. 4 / 8 LED-WS2812B-2020 Intelligent control LED integrated light source |