| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DI2CMS bảng dữ liệu(PDF) 2 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
DI2CMS bảng dữ liệu(HTML) 2 Page - Digital Core Design |
|
2 / 6 page ![]() All trademarks mentioned in this document are trademarks of their respective owners. Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved. ● ● ● ● ● ● ● ● ♦ ◊ ◊ ◊ ♦ ◊ ◊ ◊ ♦ ◊ ◊ ◊ ♦ ♦ ♦ ◊ ◊ http://www.DigitalCoreDesign.com http://www.dcd.pl No internal tri-states Scan test ready APPLI C ATIONS Embedded microprocessor boards Consumer and professional audio/video Home and automotive radio Low-power applications Communication systems Cost-effective reliable automotive systems DELIVERABLES Source code: VHDL Source Code or/and VERILOG Source Code or/and Encrypted, or plain text EDIF netlist VHDL & VERILOG test bench environ- ment Active-HDL automatic simulation macros ModelSim automatic simulation macros Tests with reference responses Technical documentation Installation notes HDL core specification Datasheet Synthesis scripts Example application Technical support IP Core implementation support 3 months maintenance ● Delivery the IP Core updates, mi- nor and major versions changes ● Delivery the documentation up- dates ● Phone & email support LICENSING Comprehensible and clearly defined licensing methods without royalty fees make using of IP Core easy and simply. Single Design license allows use IP Core in single FPGA bitstream and ASIC implementa- tion. Unlimited Designs, One Year licenses allow use IP Core in unlimited number of FPGA bit- streams and ASIC implementations. In all cases number of IP Core instantiations within a design, and number of manufactured chips are unlimited. There is no time restric- tion except One Year license where time of use is limited to 12 months. ● ○ Single Design license for VHDL, Verilog source code called HDL Source ○ Encrypted, or plain text EDIF called Netlist ● ○ ● ○ ○ ● ○ ○ One Year license for Encrypted Netlist only Unlimited Designs license for HDL Source Netlist Upgrade from HDL Source to Netlist Single Design to Unlimited Designs |