| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LZ2A101LC bảng dữ liệu(PDF) 1 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
LZ2A101LC bảng dữ liệu(HTML) 1 Page - DB Lectro Inc |
|
1 / 13 page ![]() LZ Series Characteristics Operation Temperature Range -55 ~ +105°C Rated Working Voltage 6.3 ~ 50V Capacitance Tolerance ±20% at 120Hz, 20°C I 0.01CV or 3 A whichever is greater (after 2 minutes) Leakage Current I: Leakage current ( A) C: Normal capacitance ( F) V: Rated voltage (V) Measurement frequency: 120Hz, Temperature: 20°C WV 6.3 10 16 25 35 50 tan 0.19 0.16 0.14 0.12 0.12 Dissipation Factor max. Rated voltage (V) 6.3 10 16 25 35 50 Z(-25°C) / Z(20°C) 2 2 2 2 2 2 Impedance ratio ZT/Z20 (max.) Z(-40°C) / Z(20°C) 5 4 4 3 3 3 Low Temperature Characteristics (Measurement frequency: 120Hz) Capacitance Change Within 20% of initial value Dissipation Factor 200% or less of initial specified value Leakage Current Initial specified value or less Shelf Life After leaving capacitors under no load at 105°C for 1000 hours, they meet the specified value for load life characteristics listed above. Capacitance Change Within 10% of initial value Dissipation Factor Initial specified value or less Leakage Current Initial specified value or less Resistance to Soldering Heat Reference Standard JIS C-5141 and JIS C-5102 D x L 4 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 7.7 8 x 10.5 10 x 10.5 A 1.8 2.1 2.4 2.4 2.9 3.2 B 4.3 5.3 6.6 6.6 8.3 10.3 C 4.3 5.3 6.6 6.6 8.3 10.3 E 1.0 1.3 2.2 2.2 3.1 4.5 L 5.4 5.4 5.4 7.7 10.5 10.5 SPECIFICATIONS DRAWING (Unit: mm) DIMENSIONS (Unit: mm) 0.22 Negative 0.5~0.8 Plastic plateform 0.3max. Positive C 0.2 *Voltage mark for 6.3V is [6V] L 0.3 CHIP TYPE, LOW IMPEDANCE Low impedance, temperature range up to +105 C Load life of 1000~2000 hours Items Load Life (After 2000 hours (1000 hours for 4, 5, 6.3x5.4) application of the rated voltage at 105°C, capacitors meet the characteristics requirements listed.) Comply with the RoHS directive (2002/95/EC) After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at room temperature, they meet the characteristics requirements listed as below. DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |
Số phần tương tự - LZ2A101LC |
|
Mô tả tương tự - LZ2A101LC |