công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KP2A331KC bảng dữ liệu(PDF) 1 Page - DB Lectro Inc

tên linh kiện KP2A331KC
Giải thích chi tiết về linh kiện  CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DBLECTRO [DB Lectro Inc]
Trang chủ  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KP2A331KC bảng dữ liệu(HTML) 1 Page - DB Lectro Inc

  KP2A331KC Datasheet HTML 1Page - DB Lectro Inc KP2A331KC Datasheet HTML 2Page - DB Lectro Inc KP2A331KC Datasheet HTML 3Page - DB Lectro Inc KP2A331KC Datasheet HTML 4Page - DB Lectro Inc KP2A331KC Datasheet HTML 5Page - DB Lectro Inc KP2A331KC Datasheet HTML 6Page - DB Lectro Inc KP2A331KC Datasheet HTML 7Page - DB Lectro Inc KP2A331KC Datasheet HTML 8Page - DB Lectro Inc KP2A331KC Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
KP Series
CHIP TYPE,
NON-POLARIZED WITH WIDE TEMPERATURE RANGE
Non
-polarized with wide temperature range up to +105 C
Items
Characteristics
Operation Temperature Range
-55 ~ +105°C
Rated Working Voltage
6.3 ~ 50V
Capacitance Tolerance
±20% at 120Hz, 20°C
I 0.05CV or 10 A whichever is greater (after 2 minutes)
Leakage Current
I: Leakage current ( A)
C: Normal capacitance ( F)
V: Rated voltage (V)
Measurement frequency: 120Hz, Temperature: 20°C
WV
6.3
10
16
25
35
50
tan
0.24
0.20
0.17
0.17
0.15
0.15
Dissipation Factor max.
Rated voltage (V)
6.3
10
16
25
35
50
Z(-25°C) / Z(20°C)
4
3
2
2
2
2
Impedance ratio
ZT/Z20 (max.)
Z(-40°C) / Z(20°C)
8
6
4
4
3
3
Low Temperature Characteristics
(Measurement frequency: 120Hz)
Capacitance Change
Within 20% of initial value
Dissipation Factor
200% or less of initial specified value
Leakage Current
Initial specified value or less
Load Life
(After 1000 hours application of the
rated voltage at 105°C with the
polarity inverted every 250 hours,
capacitors meet the characteristics
requirements listed.)
Shelf Life
After leaving capacitors under no load at 105°C for 1000 hours, they meet the specified value
for load life characteristics listed above.
Capacitance Change
Within 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
Resistance to Soldering Heat
Reference Standard
JIS C-5141 and JIS C-5102
D x L
4 x 5.4
5 x 5.4
6.3 x 5.4
A
1.8
2.1
2.4
B
4.3
5.3
6.6
C
4.3
5.3
6.6
E
1.0
1.3
2.2
L
5.4
5.4
5.4
SPECIFICATIONS
DRAWING (Unit: mm)
DIMENSIONS (Unit: mm)
Negative
0.5~0.8
Plastic plateform
0.3max.
Positive
C 0.2
*Voltage mark for 6.3V is [6V]
L
+0.1
-0.2
Load life of 1000 hours
Comply with the RoHS directive (2002/95/EC)
After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at
room temperature,
they meet the characteristics requirements listed as below.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Số phần tương tự - KP2A331KC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TUK Ltd
KP2-6JE TUK-KP2-6JE Datasheet
2Mb / 5P
Low-cost 6c Faceplates
30/05/2023
KP2-6JEWH TUK-KP2-6JEWH Datasheet
2Mb / 5P
Low-cost 6c Faceplates
30/05/2023
logo
ZHEJIANG HUAJING RECTIF...
KP2000A HUAJING-KP2000A Datasheet
289Kb / 3P
Phase Control Thyristor
KP200A HUAJING-KP200A Datasheet
282Kb / 3P
Phase Control Thyristor
logo
Kingbright Corporation
KP2012SEC KINGBRIGHT-KP2012SEC Datasheet
103Kb / 4P
2.0X01.2mm SMD CHIP LED LAMP
More results

Mô tả tương tự - KP2A331KC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DB Lectro Inc
CN1A100KC DBLECTRO-CN1A100KC Datasheet
526Kb / 13P
CHIP TYPE, NON-POLARIZED
CK1A100KC DBLECTRO-CK1A100KC Datasheet
517Kb / 13P
CHIP TYPE, WIDE TEMPERATURE RANGE
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
Wide Temperature Range
logo
NIHON DEMPA KOGYO
2725T_18 NDK-2725T_18_03 Datasheet
901Kb / 1P
Wide Operating Temperature Range Type
logo
STANLEY ELECTRIC CO.,LT...
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
Wide temperature range
logo
Nichicon corporation
UWT1E101MCL1GS NICHICON-UWT1E101MCL1GS Datasheet
414Kb / 3P
Chip Type, Wide Temperature Range
logo
Xtaltq Technologies Co....
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
Wide Temperature Range
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
Wide Temperature Range
Mar.27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com